MHO+33TBD-R
AI

The **MHO+33TBD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **Mercury Electronic**. These components are critical for providing a stable clock signal in digital circuits.
---
### 1. Technical Specifications
Below is a breakdown of the typical specifications for this series:
| Parameter | Details |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (XO) |
| **Package Type** | DIP-14 (Full size) or DIP-8 (Half size) Metal Can |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Range** | Typically ranges from 1.0 MHz to 150 MHz (Specific to order) |
| **Supply Voltage (Vcc)** | 3.3V (Indicated by the "33" in the part number) |
| **Operating Temperature** | -10°C to +70°C (Standard Industrial) |
| **Frequency Stability** | ±25ppm to ±100ppm |
---
### 2. Part Number Breakdown
While manufacturer coding can vary slightly, the "MHO+33TBD-R" suffix usually decodes as follows:
* **MHO:** Series designation (Metal Hollow Oscillator).
* **+:** Often indicates RoHS compliance (Lead-free).
* **33:** Represents the **3.3V** operating voltage.
* **T:** Usually denotes the Output Load (e.g., TTL/CMOS).
* **BD:** Often refers to specific stability or duty cycle parameters.
* **-R:** Indicates **RoHS Compliant** or Tape & Reel packaging.
---
### 3. Pin Configuration (Typical DIP-14)
For a standard 4-pin layout within a 14-pin footprint, the connections are generally:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or ED | No Connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated Square Wave signal |
| **14** | Vcc | Power Supply (+3.3V) |
---
### 4. Key Applications
* **Microprocessors:** Providing the base clock for CPU operations.
* **Networking:** Timing for Ethernet controllers and routers.
* **Embedded Systems:** Used in industrial controllers where a robust metal-can package is preferred for EMI shielding.
* **Legacy Hardware:** Often used in older PCB designs that utilize through-hole technology (THT).
- ⤷
What is the exact frequency of your specific MHO+33TBD-R unit?
- ⤷ Do you need a surface-mount (SMD) equivalent for this through-hole part?
- ⤷ How do I test if this oscillator is functioning correctly using an oscilloscope?