MHO+34FCG-R
AI

The **MHO+34FCG-R** is a specific part number typically associated with **MHO+ Series Clock Oscillators** manufactured by **MtronPTI**. These components are essential in digital circuits for providing a stable timing signal (clock pulse).
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Below are the primary electronic characteristics associated with this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{dd}$)** | +5.0V DC (Standard for MHO+ series) |
| **Package Style** | 14-pin DIP (Full size), Metal Can |
| **Stability** | Usually ±100ppm, ±50ppm, or ±25ppm (depending on suffix) |
| **Frequency Range** | Typically 1.0 MHz to 150.0 MHz |
| **Operating Temperature** | 0°C to +70°C (Standard Commercial) |
---
### 2. Pin Configuration
Since this is a 14-pin DIP package (often with only 4 physical pins actually used), the pinout generally follows this standard industry layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Case Ground |
| **8** | Output | The generated clock frequency signal |
| **14** | $V_{dd}$ | Positive Power Supply (+5V) |
---
### 3. Key Features
* **Hermetically Sealed:** The metal "can" package is resistance-welded to protect the quartz crystal from moisture and atmospheric contaminants, ensuring long-term frequency stability.
* **Thru-Hole Mounting:** Designed for traditional PCB mounting or insertion into sockets.
* **RoHS Compliant:** The "-R" suffix at the end of the part number indicates that the part is **RoHS compliant** (lead-free).
---
### 4. Common Applications
These oscillators are used in legacy and industrial hardware where 5V logic is still prevalent:
1. **Microprocessor Clocks:** Providing the heartbeat for CPUs and MCUs.
2. **Network Hardware:** Timing for Ethernet controllers or older telecommunications gear.
3. **Industrial Controllers:** Timing for PLCs and embedded industrial motherboards.
4. **Test & Measurement:** Internal reference clocks for signal generators.
---
- ⤷
What is the specific frequency of your MHO+34FCG-R unit?
- ⤷ Do you need a surface-mount (SMD) equivalent for this part?
- ⤷ How does the 'Tri-state' function work on Pin 1 of this oscillator?