MHO+35TAG-R
AI

The **MHO+35TAG-R** belongs to a specific category of electronic components known as **Crystal Oscillators**. These parts are essential for providing a stable clock signal in digital circuits, telecommunications, and computing hardware.
Below is a detailed breakdown of its specifications, construction, and functionality.
---
### 1. Technical Specifications
The part number typically follows a standardized coding system used by manufacturers like **MtronPTI**.
| Feature | Description |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Type** | 14-pin DIP (Dual In-line Package) - Usually "Full Size" |
| **Frequency Range** | Typically 1.0 MHz to 150.0 MHz (Specific to exact sub-model) |
| **Operating Voltage** | 5.0V (Standard for the MHO series) |
| **Output Logic** | HCMOS / TTL Compatible |
| **Stability** | Usually ±100ppm, ±50ppm, or ±25ppm (depending on the "3" code) |
| **RoHS Status** | The **-R** suffix indicates RoHS Compliance (Lead-free) |
---
### 2. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific capabilities of the component:
* **MHO**: The Series identifier (High-speed CMOS/TTL 5V Oscillator).
* **+**: Often indicates a specific revision or lead-free process enhancement.
* **3**: Represents the Frequency Stability (e.g., 3 often denotes ±50ppm or ±100ppm over temperature).
* **5**: Usually indicates the supply voltage (5V).
* **T**: Indicates the Operating Temperature Range (Standard is 0°C to +70°C).
* **AG**: Package/Pin configuration code (Thru-hole 14-pin DIP style).
* **-R**: RoHS Compliant.
---
### 3. Internal Components & Operation
The MHO+35TAG-R is an **Active Oscillator**, meaning it contains more than just a piece of quartz. It is an integrated circuit that includes:
1. **Quartz Crystal Blank**: The physical resonator that vibrates at a specific frequency.
2. **Oscillator IC**: A circuit that sustains the vibration of the crystal and converts it into a square wave.
3. **Bypass Capacitors**: Internal filtering to reduce electronic noise.
4. **Buffer/Driver**: Ensures the output signal is strong enough to drive multiple digital gates (fan-out).
---
### 4. Common Applications
These oscillators are "Legacy" style components, meaning they are frequently found in older hardware or industrial equipment that requires through-hole mounting rather than modern surface-mount (SMD) technology.
* **Microprocessor Clocks**: Providing the "heartbeat" for CPUs.
* **Networking Gear**: Timing for routers and switches.
* **Industrial Controllers**: PLCs and automation hardware.
* **Embedded Systems**: Legacy 8-bit or 16-bit development boards.
---
- ⤷
What are the pinout configurations for a standard 14-pin DIP oscillator?
- ⤷ How does the '3' stability code compare to modern MEMS oscillators?
- ⤷ Can I replace an MHO+35TAG-R with a 3.3V equivalent in a 5V circuit?