MHO+35TBD-R
AI

The **MHO+35TBD-R** is a specific series of high-precision, high-frequency **Crystal Oscillators** (XO), typically manufactured by companies like MtronPTI. These components are designed for aerospace, defense, and high-reliability industrial applications.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics. Below is a breakdown of the typical specifications for this series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Thru-hole |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | Typically 5.0V or 3.3V (depending on sub-variant) |
| **Frequency Range** | Usually 1.0 MHz to 100+ MHz |
| **Operating Temp** | -40°C to +85°C (Industrial) or -55°C to +125°C (Military) |
| **Stability** | ±50ppm to ±100ppm (standard) |
---
## 2. Component Breakdown
The "MHO" series is categorized as a **Master House Oscillator**. Here is what the internal electronic parts consist of:
### A. Quartz Crystal Blank
The heart of the component is a high-grade quartz crystal cut to a specific angle (usually AT-cut). This provides the fundamental mechanical resonance.
### B. Oscillator IC
An integrated circuit (IC) is paired with the crystal. This IC contains:
* **The Inverter:** To maintain the oscillation.
* **Feedback Resistors:** To stabilize the loop.
* **Output Buffers:** To ensure the signal can drive other logic components (CMOS/TTL levels) without degrading the waveform.
### C. Bypass Capacitors
Internal ceramic capacitors are often included within the metal can to filter power supply noise, ensuring a "clean" clock signal.
---
## 3. Physical Construction
* **Hermetic Sealing:** The part is housed in a resistance-welded metal package. This protects the internal quartz and circuitry from moisture and atmospheric pressure changes.
* **The "-R" Suffix:** This generally indicates **RoHS Compliance**, meaning the lead (Pb) content in the pins and solder is within environmental regulatory limits.
---
## 4. Common Pinout (14-pin DIP)
Though it occupies a 14-pin footprint, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The Clock Signal output |
| **Pin 14** | Vcc | Positive Supply Voltage |
---
- ⤷
What is the specific frequency of your MHO+35TBD-R unit?
- ⤷ Do you need the exact timing jitter specifications for this series?
- ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this part?