MHO+36FCD-R
AI

The **MHO+36FCD-R** belongs to a specific category of high-precision electronic components, typically identifying as an **OCXO (Oven Controlled Crystal Oscillator)** or a high-stability clock module manufactured by companies like MtronPTI.
Below is a detailed breakdown of the electronic parts and characteristics associated with this series.
---
## 1. Technical Specifications
The "MHO" series generally represents a line of metal-can, through-hole oscillators designed for high reliability.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Package Style** | DIP-14 or similar Metal Header (Hermetically Sealed) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | Usually 3.3V or 5.0V |
| **Stability** | Extremely high (ppb - parts per billion range) |
| **Operating Temperature** | Standard Industrial (-40°C to +85°C) |
---
## 2. Key Internal Electronic Parts
An OCXO like the MHO+36FCD-R is not just a simple crystal; it is a complex circuit containing several sub-components:
### A. The Quartz Crystal (SC-Cut or AT-Cut)
The heart of the unit. In "MHO" high-end models, an **SC-cut (Stress Compensated)** crystal is often used because it is less sensitive to mechanical and thermal shock.
### B. The Heating Element (Oven)
To maintain frequency stability, the crystal is placed inside a tiny internal oven.
* **Thermistor:** Senses the internal temperature.
* **Heating Resistor/Transistor:** Dissipates heat to keep the crystal at a specific "turning point" temperature (usually around 75°C to 85°C).
### C. Control Circuitry
* **Voltage Regulator:** Ensures that fluctuations in input power do not affect the frequency.
* **Varactor Diode:** Used for frequency tuning (if the model supports electronic frequency control).
* **Buffer Amplifier:** Strengthens the output signal and protects the crystal from "load pulling" (changes in frequency caused by external circuit impedance).
---
## 3. Part Number Decoder (Typical)
While exact prefixes can vary by manufacturer, the string generally breaks down as follows:
1. **MHO:** Series designation (Metal Hermetic Oscillator).
2. **36:** Often refers to the physical package size or a specific voltage code.
3. **F:** Frequency stability identifier.
4. **CD:** Commercial/Industrial temperature range and Duty Cycle specifications.
5. **R:** RoHS Compliant (Lead-free).
---
## 4. Pinout Configuration
Most oscillators in this package follow a standard 4-pin or 14-pin DIP footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or V_control | No connection or Voltage Control for tuning. |
| **7** | GND | Case and Circuit Ground. |
| **8** | Output | The generated clock signal (Square wave). |
| **14** | Vcc | Positive Supply Voltage. |
---
## 5. Typical Applications
Because of its high stability, the MHO+36FCD-R is used in:
* **Telecommunications:** Base stations and small cells.
* **Test Equipment:** Frequency counters and synthesizers.
* **GPS/GNSS:** Precision timing for satellite synchronization.
---
- ⤷What is the exact output frequency of the MHO+36FCD-R?
- ⤷ How does an OCXO differ from a standard TCXO oscillator?
- ⤷ What are the power consumption requirements for the heating element in this part?