MHO+36FCG-R
AI

The **MHO+36FCG-R** is a specific part number for a high-performance **Crystal Oscillator**. It is commonly manufactured by companies like MtronPTI and is designed for applications requiring stability and reliability in telecommunications and industrial equipment.
### 1. Technical Specifications
| Parameter | Details |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Frequency Range** | Typically 1.0 MHz to 156.25 MHz (Model specific) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +3.3 VDC or +5.0 VDC (Series dependent) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction and performance:
* **MHO:** Identifies the product series (Metal package, Thru-hole, High-frequency Oscillator).
* **+:** Usually indicates a specific voltage tolerance or enhanced feature set.
* **3:** Refers to the Supply Voltage (e.g., 3.3V).
* **6:** Represents the Frequency Stability (e.g., ±20ppm, ±50ppm, or ±100ppm depending on the datasheet revision).
* **F:** Denotes the Operating Temperature range (often -40°C to +85°C).
* **CG:** Refers to the Duty Cycle and Output type (e.g., 45/55% Symmetry).
* **-R:** Indicates **RoHS Compliance** (Lead-free).
---
### 3. Key Electronic Characteristics
#### Frequency Stability
This part is designed to maintain a very precise clock signal. The stability is measured in Parts Per Million (PPM), ensuring that digital circuits remain synchronized even as the temperature changes.
#### Package Construction
It uses a **Hermetically Sealed Metal Can**. This is critical for:
* **EMI Shielding:** Reducing electromagnetic interference.
* **Longevity:** Protecting the internal quartz crystal from moisture and atmospheric contaminants.
#### Applications
Due to its through-hole (DIP) design, it is frequently used in:
* Legacy telecommunications hardware.
* Industrial control systems.
* Test and measurement equipment.
* Prototyping on PCBs where surface-mount components are not preferred.
---
### 4. Typical Connection Diagram
```text
Pin 1: NC (No Connection) or Tri-state Enable
Pin 7: Case Ground
Pin 8: Output (Square Wave)
Pin 14: +Vcc (Supply Voltage)
```
- ⤷
What is the exact frequency stability in PPM for the '6' code in this series?
- ⤷ Are there surface-mount (SMD) equivalents for the MHO+36FCG-R?
- ⤷ How does the 'Tri-state' function work on Pin 1 of this oscillator?