MHO+36TCD-R
AI

The **MHO+36TCD-R** is a specific model of a **Crystal Oscillator**, typically manufactured by companies like **Mercury Electronic**. It belongs to a class of high-precision timing components used to provide a stable clock signal for digital circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) | A complete circuit containing a quartz crystal and an oscillation IC. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and standard TTL logic levels. |
| **Package Style** | DIP-14 (Full size) | A 4-pin through-hole package (looks like a 14-pin IC but only has 4 active leads). |
| **Supply Voltage** | 3.3V or 5.0V | Usually depends on the specific suffix, but standard MHO series supports these ranges. |
| **Frequency Stability** | ±25ppm to ±100ppm | Indicates how much the frequency deviates due to temperature/aging. |
---
### 2. Internal Electronic Parts
The MHO+36TCD-R is not a single component but an integrated module consisting of:
* **Quartz Crystal Blank:** The "heart" of the device, precision-cut to vibrate at a specific frequency when voltage is applied.
* **Oscillator IC:** An internal integrated circuit that provides the gain needed to maintain oscillation and buffers the output signal.
* **Bypass Capacitor:** Internal surface-mount capacitors used to filter noise from the power supply.
* **Varactor/Trimmer (Optional):** Some high-end models include internal components to fine-tune the frequency.
---
### 3. Pin Configuration (DIP-14 Style)
Although the physical body is the size of a 14-pin DIP, only four pins are present:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / ED | No connection or Tri-state Enable/Disable control. |
| **7** | GND | Circuit Ground. |
| **8** | Output | The generated clock signal (Square Wave). |
| **14** | Vdd | Positive Power Supply. |
---
### 4. Common Applications
* **Microcontrollers:** Providing the external clock source for CPUs.
* **Networking Gear:** Timing for Ethernet controllers and routers.
* **Industrial Control:** Synchronizing data processing in PLC (Programmable Logic Controllers).
* **Legacy Hardware:** Often found in older computing equipment due to the through-hole DIP format.
---
### 5. Part Number Breakdown (Typical)
* **MHO:** Series designation (Metal Hermetic Oscillator).
* **+:** Often indicates RoHS compliance (Lead-free).
* **3:** Represents the voltage (e.g., 3.3V).
* **6:** Represents the package size (Full size DIP).
* **TCD:** Specific temperature range and stability code.
* **R:** Tape and Reel or specific Revision code.
- ⤷
What is the exact frequency of your specific MHO+36TCD-R unit?
- ⤷ Do you need a circuit diagram for connecting this oscillator to a microcontroller?
- ⤷ Are you looking for a modern SMD equivalent to replace this through-hole part?