MHO+37FBD-R
AI

The **MHO+37FBD-R** is a high-precision, surface-mount (SMD) **Crystal Oscillator** manufactured by **Mercury Electronic**. It is specifically designed for high-frequency stability in telecommunications and high-speed data applications.
---
## 1. Core Specifications
The technical characteristics of the MHO+ series are centered around low jitter and CMOS compatibility.
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vdd)** | +3.3V DC (Standard for the "3" suffix) |
| **Package Size** | 7.0 x 5.0 mm (4 pads) |
| **Frequency Range** | Typically 1.5 MHz to 150 MHz |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±25ppm to ±100ppm (depending on sub-version) |
---
## 2. Part Number Breakdown
The alphanumeric code follows a specific nomenclature used by Mercury Electronic:
* **MHO+**: Series name (High stability, HCMOS/TTL output).
* **3**: Represents the supply voltage (3.3V).
* **7**: Represents the package size (7.0 x 5.0 mm).
* **F**: Frequency stability code (often denotes ±25ppm or ±50ppm depending on datasheet revision).
* **B**: Operating temperature range code (usually -40°C to +85°C).
* **D**: Duty cycle requirement (typically 45/55%).
* **R**: Denotes **RoHS Compliance** (Lead-free).
---
## 3. Pin Configuration
The device uses a standard 4-pad layout common to SMD oscillators:
1. **Pad 1: Tri-state (Enable/Disable)**
* High (or open): Output is active.
* Low: Output goes into high impedance (saves power).
2. **Pad 2: Ground (GND)**
* Connected to the system common ground.
3. **Pad 3: Output**
* The generated clock signal (Square wave).
4. **Pad 4: Supply Voltage (Vdd)**
* +3.3V power input.
---
## 4. Key Applications
Because of its compact size and stable 3.3V logic, it is commonly used in:
* **Networking:** Ethernet switches, routers, and fiber channel equipment.
* **Computing:** High-speed microprocessors and FPGA clocking.
* **Embedded Systems:** Industrial controllers requiring wide temperature tolerances.
* **Storage:** SSD controllers and NAS systems.
- ⤷
What are the alternative frequency stability options for the MHO+ series?
- ⤷ Can this oscillator be used in a 5V circuit with a voltage divider?
- ⤷ How does the Tri-state function impact power consumption in sleep mode?