MHO+37TAD-R
AI

The **MHO+37TAD-R** is a specific series of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. These components are widely used in telecommunications, networking, and industrial applications where stable clock signals are required.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Characteristic | Specification | Notes |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed frequency output |
| **Package Style** | 14-pin DIP (Full size) | Metal thru-hole package for shielding |
| **Output Type** | HCMOS/TTL Compatible | Standard digital signal levels |
| **Supply Voltage** | 5.0V (Standard) | High voltage tolerance for legacy systems |
| **Frequency Stability** | ±100 ppm to ±25 ppm | Varies by specific dash suffix |
| **Temperature Range** | -40°C to +85°C | Industrial grade (standard suffix) |
---
### 2. Key Internal Components
An oscillator like the MHO+37TAD-R is an integrated circuit assembly containing several critical electronic parts:
* **Quartz Crystal Blank:** The "heart" of the device. It uses the piezoelectric effect to vibrate at a precise resonant frequency.
* **Oscillator IC:** An internal amplifier circuit that maintains the vibration of the crystal and converts it into a clean square wave.
* **Bypass Capacitors:** Internal surface-mount capacitors used to filter electrical noise from the power supply.
* **Hermetic Metal Case:** The metal "can" acts as a Faraday cage to protect the internal electronics from Electromagnetic Interference (EMI) and moisture.
---
### 3. Pin Configuration (14-Pin DIP Layout)
Although it has a 14-pin footprint, usually only 4 pins are electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | Often used for Enable/Disable functions |
| **Pin 7** | Ground (GND) | Connected to the metal case for shielding |
| **Pin 8** | Output | The generated clock signal (square wave) |
| **Pin 14** | Vcc | +5.0V Power Input |
---
### 4. Applications
The MHO series is chosen for its robustness and reliability in "mission-critical" environments:
* **Base Stations:** For timing synchronization in cellular networks.
* **Ethernet Switches:** Providing the master clock for data packet processing.
* **Embedded Systems:** Used in industrial PLCs (Programmable Logic Controllers).
- ⤷
What is the difference between the MHO and MHE series from MtronPTI?
- ⤷ How does the 'Tri-state' function on Pin 1 work in this oscillator?
- ⤷ What are the common failure modes for hermetically sealed crystal oscillators?