MHO+38TFG-R
AI

Based on the product code provided, the **MHO+38TFG-R** typically refers to a high-precision, temperature-compensated crystal oscillator (TCXO) or a specific series of clock oscillators often manufactured by companies like **Mercury Electronic**.
Below is a breakdown of the electronic specifications and characteristics associated with this part series.
---
## 1. Component Overview
The **MHO+** series is designed for high-stability timing applications. These components are used to provide a precise frequency reference for digital circuits, telecommunications, and industrial equipment.
### Key Specifications Table
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (Clock) |
| **Package Style** | 14-pin DIP (Thru-hole) - often "Half Size" or "Full Size" |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage** | 3.3V or 5.0V (Standard) |
| **Frequency Stability** | ±25ppm to ±100ppm (Depending on grade) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Part Number Breakdown
While manufacturer coding can vary slightly, the suffix codes generally represent the following:
* **MHO+**: The series identifier (Metal Can, High-Output/High-Stability).
* **3**: Often denotes the supply voltage (e.g., 3.3V).
* **8**: Can refer to frequency stability or specific symmetry requirements.
* **TFG**:
* **T**: Usually indicates "Tight" stability or a specific Temperature range.
* **F**: Often denotes "Full Size" or a specific pinout configuration.
* **G**: Typically stands for **Gold plated** leads or a specific RoHS compliance marker.
* **R**: Generally indicates **RoHS Compliant**.
---
## 3. Physical & Functional Features
### Connectivity (Pinout)
For the 14-pin DIP package (where only 4 pins are usually present):
1. **Pin 1**: NC (No Connection) or Tri-state Control (Enable/Disable).
2. **Pin 7**: Ground (Case).
3. **Pin 8**: Output (Frequency signal).
4. **Pin 14**: Vcc (Supply Voltage).
### Applications
* **Networking**: Routers, switches, and modems.
* **Industrial**: PLC controllers and embedded systems.
* **Legacy Systems**: Replacement parts for older motherboards or radio equipment requiring a 14-pin DIP footprint.
---
## 4. Technical Precautions
When integrating this part into a circuit, consider the following:
```markdown
1. Decoupling: Place a 0.01µF to 0.1µF capacitor close to Vcc (Pin 14) to filter noise.
2. Loading: Ensure the load capacitance (CL) matches the datasheet (usually 15pF or 30pF).
3. Soldering: Observe wave soldering profiles to avoid thermal shock to the internal crystal.
```
- ⤷
What is the specific frequency (MHz) marked on your MHO+38TFG-R unit?
- ⤷ Do you require the pinout diagram for the half-size or full-size version?
- ⤷ Are you looking for a modern SMD equivalent for this thru-hole part?