MHO+41TFG-R
AI

The **MHO+41TFG-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is part of the MHO+ series, known for its stability and reliability in industrial and communication applications.
---
### 1. General Specifications
The following table summarizes the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (Fixed Frequency) |
| **Package Type** | 4-Pin Half-Size (DIP) or Through-hole |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{dd}$)** | 5.0V DC (Typical) |
| **Frequency Stability** | ±100 ppm (Standard for this series) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the -R suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows MtronPTI’s specific naming convention:
* **MHO+**: Series designation (HCMOS/TTL compatible oscillators).
* **4**: Refers to the package size/style (Half-size DIP).
* **1**: Refers to the voltage (typically 5V).
* **T**: Tri-state enable/disable function (allows the output to be disconnected without powering down).
* **F**: Operating Temperature Range (Industrial: -40°C to +85°C).
* **G**: Frequency Stability (±100 ppm).
* **-R**: RoHS Compliant (Lead-free).
---
### 3. Pin Configuration
For the 4-pin half-size DIP package used by the MHO series, the standard pinout is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Tri-state / NC | High or Open = Output Active; Low = High Impedance |
| **7** | Case Ground | Connected to the metal cover for shielding |
| **8** | Output | The generated clock signal (Square wave) |
| **14** | $V_{dd}$ | Positive power supply input (+5V) |
---
### 4. Key Features
* **Tri-state Functionality:** Pin 1 allows the oscillator output to be disabled, which is useful for system testing or reducing power consumption when the clock is not needed.
* **Hermetically Sealed:** The metal package is vacuum-sealed to protect the quartz crystal from environmental humidity and contaminants.
* **Wide Temperature Range:** The "F" rating makes it suitable for outdoor or harsh industrial environments.
---
- ⤷
What is the exact frequency of your specific MHO+41TFG-R unit?
- ⤷ Can this oscillator be used in a 3.3V system without a level shifter?
- ⤷ What are the typical rise and fall times for the HCMOS output?