AI

The **MHO+42TFG-R** is a high-precision, temperature-compensated crystal oscillator (TCXO) manufactured by **Mercury Electronic**. It is designed for applications requiring high stability in a small form factor, commonly used in telecommunications, GPS, and wireless networking.
---
### 1. Key Technical Specifications
The model number "MHO+42TFG-R" encodes specific technical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | TCXO / VCTCXO | Temperature Compensated Crystal Oscillator |
| **Package Size** | 7.0 x 5.0 mm | Standard 4-pad or 6-pad SMD package |
| **Supply Voltage** | 3.3V (Typical) | Standard logic level power supply |
| **Frequency Stability** | ±2.5 ppm | Stability over the operating temperature range |
| **Output Type** | HCMOS / CMOS | Square wave output for digital logic |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature range |
| **RoHS Status** | Compliant (-R) | Lead-free and environmentally friendly |
---
### 2. Functional Components
Internally, the MHO+42TFG-R consists of several integrated electronic parts:
1. **Quartz Crystal Resonator:** The heart of the part, providing the base vibration frequency.
2. **Compensation Network:** A thermistor-based circuit that senses temperature changes and adjusts the load capacitance to keep the frequency stable.
3. **Oscillator IC:** An integrated circuit that maintains the oscillation and buffers the output signal.
4. **Voltage Regulator (Internal):** Ensures that small fluctuations in the supply voltage do not affect the frequency accuracy.
---
### 3. Pin Configuration (Typical 7x5mm SMD)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vcon / NC | Voltage Control (if VCTCXO) or No Connection |
| **2** | GND | Ground |
| **3** | Output | The HCMOS frequency output signal |
| **4** | Vdd | Positive Power Supply (+3.3V) |
---
### 4. Application Areas
Due to its high stability and compact size, this part is typically used in:
* **Networking:** Synchronous Ethernet, routers, and switches.
* **Wireless:** Wi-Fi 6, Bluetooth modules, and Zigbee.
* **GNSS/GPS:** Providing the clock source for satellite positioning systems.
* **Test Equipment:** Portable frequency counters and handheld signal analyzers.
---
- ⤷What is the exact frequency of the MHO+42TFG-R variant you are looking at?
- ⤷ How does a TCXO differ from a standard XO in terms of circuit design?
- ⤷ What are the soldering profile requirements for this SMD package?