MHO+43FBG-R
AI

The **MHO+43FBG-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like Jauch Quartz or similar electronic component specialists. This specific series is designed for high-performance timing and frequency control.
### Technical Specifications
Below is a breakdown of the typical characteristics for this component series:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | XO (Standard Crystal Oscillator) |
| **Package Type** | DIL 14 (Full size) or DIL 8 (Half size) Metal Thru-hole |
| **Frequency Range** | Usually 1.0 MHz to 125.0 MHz (Specific to exact order) |
| **Supply Voltage** | 5.0V (Standard for the MHO series) |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Temp** | -10°C to +70°C (Standard commercial grade) |
| **Stability** | ±25ppm to ±100ppm |
---
### Part Number Breakdown
While manufacturers have slight variations, the nomenclature generally follows this logic:
1. **MHO+**: Refers to the series (Metal Hybrid Oscillator), usually indicating a 5.0V supply requirement.
2. **43**: Often refers to the frequency stability (e.g., ±50ppm) and the symmetry/duty cycle requirements.
3. **F**: Usually denotes the temperature range (F = -10°C to +70°C).
4. **B**: Indicates the package style (e.g., 14-pin DIP compatible).
5. **G**: Often represents specific output characteristics or internal capacitance.
6. **R**: Standing for **RoHS Compliant**.
---
### Key Applications
These oscillators are used in circuits that require a steady clock pulse to synchronize data processing. Common uses include:
* **Microprocessor Clocks:** Providing the base heartbeat for CPUs.
* **Networking Equipment:** Timing for routers and switches.
* **Industrial Controllers:** Ensuring precise execution of logic in PLC systems.
* **Legacy Hardware:** Due to the through-hole (DIP) form factor, they are frequently found in older industrial equipment or specialized lab hardware.
---
### Circuit Integration Example
To use this part, you generally only need to connect power, ground, and the output pin.
```cpp
// Schematic Connection Guide:
// Pin 1: NC (No Connection) or Tri-state Enable
// Pin 7: GND (Case Ground)
// Pin 8: Output (Clock Signal)
// Pin 14: VDD (+5.0V)
```
- ⤷What is the exact frequency of your specific MHO+43FBG-R unit?
- ⤷ Is this for a new design or a replacement in an existing PCB?
- ⤷ Do you require the pinout diagram for the 14-pin DIP package?