MHO+45TBD-R
AI

The **MHO+45TBD-R** is a specific series and model designation typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **MtronPTI**. These components are critical for providing a stable clock signal in electronic circuits.
Below is a breakdown of its technical specifications, characteristics, and typical applications.
---
### 1. Technical Specifications
The alphanumeric code represents specific parameters such as frequency stability, voltage, and packaging.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | Typically 5.0V (Standard for MHO series) |
| **Operating Temperature** | Often rated for $0^\circ C$ to $+70^\circ C$ (Commercial) |
| **Frequency Stability** | Usually $\pm 100$ ppm or better (depending on specific suffix) |
| **RoHS Status** | The **-R** suffix denotes **RoHS Compliant** |
---
### 2. Key Internal Components
An oscillator like the MHO+45TBD-R is an integrated solution consisting of several internal parts:
* **Quartz Crystal Resonator:** The heart of the device, precision-cut to vibrate at a specific frequency.
* **Oscillator IC:** An amplifier and feedback circuit that maintains the mechanical vibration of the crystal.
* **Load Capacitors:** Internal capacitors tuned to ensure the crystal oscillates at the correct load capacitance.
* **Metal Housing:** A hermetically sealed metal "can" that protects the internal components from atmospheric interference and provides EMI (Electromagnetic Interference) shielding.
---
### 3. Pin Configuration (Standard 14-Pin DIP)
Even though it uses a 14-pin footprint, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Ground connection |
| **8** | Output | The generated clock signal (Square wave) |
| **14** | $V_{cc}$ | Power supply input (+5.0V) |
---
### 4. Applications
These parts are commonly found in "legacy" or industrial hardware that requires through-hole mounting rather than modern surface-mount (SMD) technology:
* **Microprocessor Clocks:** Providing the master heartbeat for CPUs.
* **Network Equipment:** Timing for routers and switches.
* **Industrial Control Systems:** Used in PLCs and heavy machinery timing.
* **Embedded Systems:** Older development boards and DIY electronics.
---
- ⤷
What is the exact frequency of the MHO+45TBD-R version you are looking at?
- ⤷ How does a 14-pin DIP oscillator compare to a modern 4-pin SMD oscillator?
- ⤷ What are the consequences of using a 3.3V supply on this 5V rated part?