MHO+46FCD-R
AI

The **MHO+46FCD-R** is a specific part number typically associated with **Temperature-Compensated Crystal Oscillators (TCXO)**, often produced by manufacturers like MtronPTI. These components are critical in telecommunications and high-precision timing circuits.
---
### 1. Technical Specifications Overview
The part number follows a specific nomenclature that defines its electrical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Dual In-line Package) or Surface Mount Equivalent |
| **Output Type** | Typically HCMOS/TTL Compatible |
| **Supply Voltage** | Usually +5.0V or +3.3V (Varies by sub-model) |
| **Frequency Stability** | High precision, often within ±1.0ppm to ±2.5ppm |
| **Operating Temp** | Typically -40°C to +85°C (Industrial Grade) |
---
### 2. Key Internal Components
The "MHO" series integrates several electronic sections into one package:
* **Quartz Crystal:** The primary resonator providing the base frequency.
* **Compensation Network:** A thermistor-based circuit that senses temperature changes and adjusts the capacitance to keep the frequency stable.
* **Varactor Diode:** Used to "pull" the frequency slightly to counteract temperature drift.
* **Buffer Amplifier:** Ensures the output signal is strong enough to drive subsequent logic gates (CMOS/TTL) without loading the crystal.
---
### 3. Pinout Configuration (Standard 14-pin DIP style)
While you should always consult the specific datasheet, the standard layout for this series is:
```text
Pin 1: N/C or Voltage Control (V_con)
Pin 7: Case Ground
Pin 8: Output (Clock Signal)
Pin 14: Supply Voltage (Vcc)
```
---
### 4. Common Applications
Due to its high stability compared to standard clocks, the MHO+46FCD-R is found in:
1. **Wireless Base Stations:** Maintaining sync between mobile networks.
2. **GPS Receivers:** Precision timing for satellite signal locking.
3. **Network Switches:** Ensuring high-speed data packets remain synchronized.
4. **Test Equipment:** Frequency counters and signal generators.
---
### 5. Part Number Decoding (Typical)
* **MHO:** Series Prefix (MtronPTI High-Stability series).
* **46:** Package/Format code.
* **FCD:** Specific frequency stability and temperature range mapping.
* **-R:** RoHS Compliant (Lead-free).
- ⤷
What is the specific frequency of your MHO+46FCD-R unit?
- ⤷ Do you need the specific pinout diagram for a PCB layout?
- ⤷ Are you looking for a modern drop-in replacement for this part?