MHO+47TAG-R
AI

The **MHO+47TAG-R** refers to a high-precision, oven-controlled or temperature-compensated crystal oscillator (part of the MHO series, typically manufactured by companies like MtronPTI). These components are critical for frequency control in telecommunications and industrial applications.
---
## 1. Component Overview
The MHO series is generally categorized as a **Metal Can Crystal Oscillator**. These are designed for high reliability and stable frequency output over a wide temperature range.
### Key Technical Specifications
| Feature | Typical Specification |
| :--- | :--- |
| **Package Type** | 14-pin DIP (Full size) or 8-pin DIP (Half size) Metal Can |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | Usually 3.3V or 5.0V |
| **Frequency Range** | Varies (Specified by the "47" or specific marking) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the **-R** suffix) |
---
## 2. Breakdown of the Part Number
While specific manufacturer codes vary slightly, the nomenclature generally follows this logic:
1. **MHO**: The Series prefix, indicating a Metal Clock Oscillator in a through-hole package.
2. **+**: Often indicates a specific voltage or lead-free process improvement.
3. **47**: This is usually a frequency or stability code. In many crystal naming conventions, this refers to a stability of **±50ppm** or a specific frequency center.
4. **TAG**: This is a sub-code for the specific internal crystal cut or temperature compensation profile.
5. **-R**: Strictly denotes **RoHS Compliance** (Lead-free).
---
## 3. Pin Configuration (Standard 14-pin DIP)
Even though it has 14 pins, most are omitted, leaving 4 active pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-State | No connection or Output Enable/Disable |
| **7** | GND | Circuit and Case Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Power Supply Input |
---
## 4. Typical Applications
* **Networking**: Providing the "heartbeat" for Ethernet switches and routers.
* **Industrial Controllers**: Timing for PLCs and embedded microprocessors.
* **Data Communications**: Ensuring synchronized data transfer between hardware interfaces.
* **Legacy Hardware**: Used in older computing systems requiring through-hole clock sources.
---
## 5. Circuit Integration Example
To use this part, a bypass capacitor is required between Vcc and GND to filter noise.
```cpp
// Logic Representation of Clock Usage
void setup() {
// The MHO+47TAG-R provides a hardware clock
// No software initialization is needed for the crystal itself;
// it begins oscillating as soon as 3.3V/5V is applied.
}
```
- ⤷
What is the exact frequency of the MHO+47TAG-R version?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?
- ⤷ How does the 'TAG' suffix specifically affect temperature stability?