MHO+47TBD-R
AI

The part number **MHO+47TBD-R** refers to a high-precision **Crystal Oscillator** manufactured by **Mercury Electronic**. These components are essential for providing a stable clock signal in digital circuits.
---
### 1. Technical Specifications
The code follows a specific nomenclature used by Mercury. Below is the breakdown of the technical parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | MHO | Metal Half-Size (14-pin DIP compatible layout) |
| **Supply Voltage** | + | Usually indicates 5.0V operation |
| **Frequency Stability** | 47 | Denotes ±25ppm to ±50ppm (varies by datasheet revision) |
| **Output Type** | T | TTL / HCMOS compatible output |
| **Duty Cycle** | B | 40/60% to 45/55% symmetry |
| **Operating Temp** | D | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | -R | RoHS Compliant / Lead-Free |
---
### 2. Physical Characteristics
The **MHO** series typically uses a "Half-Size" metal can package.
* **Package Type:** Through-hole (DIP-8 footprint).
* **Pins:** 4 active pins in a rectangular metal housing.
* **Sealing:** Resistance welded for hermetic protection against humidity and aging.
### 3. Pin Configuration
For a standard MHO (DIP-8/Half-size) oscillator:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC or E/D | No Connection or Output Enable/Disable |
| **Pin 4** | GND | Case Ground |
| **Pin 5** | Output | Clock Signal Output |
| **Pin 8** | Vdd | Power Supply (+5V) |
---
### 4. Common Applications
Due to its industrial temperature rating and stable output, this part is commonly used in:
* **Industrial Controllers:** PLC and automation hardware.
* **Networking:** Modems and routers requiring stable timing.
* **Legacy Computing:** Motherboards or embedded systems using 5V logic.
* **Test Equipment:** Signal generators and measurement tools.
- ⤷
What is the specific frequency of the MHO+47TBD-R in MHz?
- ⤷ How does the 'T' output type differ from 'S' in Mercury oscillators?
- ⤷ Is there a surface-mount (SMD) equivalent for this through-hole part?