MHO+47TDD-R
AI

The **MHO+47TDD-R** is a specific type of **Crystal Oscillator (XO)**. It is a precision electronic component used to create an electrical signal with a very precise frequency.
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers like **MtronPTI**. Below are the typical characteristics associated with this series:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (Fixed Frequency) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Operating Voltage** | Typically 5.0V DC |
| **Output Type** | TTL / HCMOS Compatible |
| **Frequency Range** | Usually ranges between 1.0 MHz to 100.0 MHz (Specific to the label) |
| **Frequency Stability** | Usually ±50ppm or ±100ppm (depending on the exact sub-grade) |
| **Operating Temp** | 0°C to +70°C (Standard Commercial) |
---
### 2. Part Number Breakdown
While manufacturer codes can vary slightly, here is the standard breakdown for the MHO series:
* **MHO:** Identifies the product series (Metal package, Thru-hole, 5V).
* **+ (Plus Sign):** Usually indicates RoHS compliance (Lead-free).
* **47:** This code typically refers to the frequency stability and duty cycle (e.g., 45/55% symmetry).
* **TDD:** This represents the specific package configuration and functional options (like Tri-state enable/disable).
* **R:** Indicates RoHS compliance or Tape & Reel packaging (though rare for DIP packages).
---
### 3. Pin Configuration (14-pin DIP)
Though it occupies the space of a 14-pin IC, only 4 pins are usually present:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Case and Circuit Ground |
| **Pin 8** | Output | The generated clock signal |
| **Pin 14** | Vcc | +5.0V Power Supply |
---
### 4. Common Applications
These oscillators are "legacy" style components often found in:
* **Industrial Control Systems:** For timing logic in older PLC hardware.
* **Telecommunications:** Providing reference clocks for data transmission.
* **Embedded Systems:** Used on motherboards or expansion cards requiring a stable 5V clock source.
* **Legacy Computing:** Replacement parts for vintage computer repairs.
---
- ⤷
What is the specific frequency printed on your MHO+47TDD-R unit?
- ⤷ How do I test if this crystal oscillator is still functioning correctly?
- ⤷ What are the modern SMT alternatives for this 14-pin DIP oscillator?