MHO+48FBG-R
AI

The **MHO+48FBG-R** is a high-performance, precision Crystal Oscillator (XO). It is commonly used in telecommunications, networking, and industrial applications where stable clock signals are required.
### 1. General Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Part Series** | MHO+ Series |
| **Package Type** | 14-pin DIP (DIL) - Often 4-pin active |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz |
| **Supply Voltage ($V_{DD}$)** | +5.0V DC (standard for this series) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±100ppm to ±25ppm (depending on suffix) |
---
### 2. Part Number Breakdown
The alphanumeric code "MHO+48FBG-R" can be decrypted to understand its specific tolerances and features:
* **MHO+**: Refers to the series (High-speed CMOS/TTL, 5.0V operation).
* **4**: Indicates the stability (likely ±50ppm or ±100ppm depending on the specific manufacturer's revision).
* **8**: Denotes the temperature range (8 usually signifies the extended industrial range: -40°C to +85°C).
* **FBG**: Refers to the frequency stability and internal configuration (Full-size DIP, 4-pin).
* **-R**: Indicates **RoHS Compliance** (Lead-free construction).
---
### 3. Pin Configuration (Internal Mapping)
Though the housing looks like a standard 14-pin integrated circuit, most MHO+ series oscillators only utilize 4 pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / E/D | No Connect or Enable/Disable (Tristate) |
| **Pin 7** | GND | Case and Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | $V_{DD}$ | Power Supply (+5.0V) |
---
### 4. Key Electronic Characteristics
* **Rise and Fall Time:** Usually < 6ns, ensuring sharp clock edges for high-speed digital logic.
* **Duty Cycle:** Generally 40/60% to 45/55%, providing a balanced signal for flip-flops and microprocessors.
* **Fanout:** Typically capable of driving up to 10 TTL loads or 15pF to 50pF CMOS loads.
* **Current Consumption:** Ranges from 20mA to 45mA depending on the output frequency.
---
### 5. Common Applications
1. **Microprocessor Clocks:** Providing the base timing for CPUs and MCUs.
2. **Network Hardware:** Used in switches and routers to sync data packets.
3. **Industrial Controllers:** Timing for PLCs and automated machinery.
4. **Legacy Systems:** Often used as a drop-in replacement for older 14-pin DIP oscillators in vintage electronics.
---
- ⤷What is the exact frequency of your specific MHO+48FBG-R unit?
- ⤷ Do you require the pinout diagram for a PCB layout?
- ⤷ Are you looking for a lower voltage (3.3V) alternative to this part?