Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MHO+52TCG-R

  • AI
    The **MHO+52TCG-R** is a specific series of **TCXO (Temperature Compensated Crystal Oscillator)** or high-stability clock oscillators, typically manufactured by companies like MtronPTI. These components are designed to provide a highly stable frequency reference for electronic circuits, even when subjected to temperature fluctuations. --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics found in the MHO+ series (specifically the 52TCG-R variant): | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | TCXO / Clock Oscillator | | **Output Type** | HCMOS / TTL Compatible | | **Package Style** | 14-pin DIP (Full size) or 8-pin DIP (Half size) | | **Supply Voltage (Vcc)** | +5.0 VDC (Standard for the '5' series) | | **Stability** | ±1.0ppm to ±5.0ppm (Depending on grade) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric string provides specific details about the component's construction: * **MHO:** Identifies the product series (Mtron High-stability Oscillator). * **+:** Often indicates a specific revision or enhanced performance profile. * **5:** Indicates the operating voltage (5.0V). * **2:** Usually refers to the frequency stability or symmetry rating. * **TCG:** Represents the "Temperature Compensated" nature and specific internal wiring/output logic (HCMOS). * **-R:** Signifies **RoHS Compliance** (Lead-free). --- ### 3. Internal Components and Functionality A TCXO like the MHO+52TCG-R consists of several internal electronic parts integrated into one housing: 1. **Quartz Crystal:** The primary resonant element that determines the base frequency. 2. **Compensation Network:** A temperature-sensing circuit (thermistor/resistor network) that applies a correction voltage to a varactor diode. 3. **Varactor Diode:** Changes its capacitance based on the compensation voltage, "pulling" the crystal frequency back to its target value as temperature changes. 4. **Buffer/Output Stage:** An integrated circuit that shapes the signal into a clean square wave (HCMOS/TTL) to drive other digital components. --- ### 4. Common Applications Because of its high stability and 5V compatibility, this part is commonly used in: * **Telecommunications:** Base stations and synchronization units. * **Test & Measurement:** Frequency counters and signal generators. * **Legacy Systems:** Industrial controllers that require 5V logic levels rather than modern 3.3V or 1.8V levels. * **Navigation:** GPS and radio positioning equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a TCXO like the MHO+52TCG-R?
    • ⤷ Can this 5V oscillator be used in a 3.3V logic circuit safely?
    • ⤷ What are the specific pinout configurations for a 14-pin DIP TCXO?