MHO+54TAG-R
AI

The **MHO+54TAG-R** belongs to a specific category of timing components, typically classified as a **TCXO (Temperature Compensated Crystal Oscillator)**. These parts are designed to provide a highly stable clock signal across varying environmental conditions, making them essential for telecommunications and precision instrumentation.
---
### 1. Technical Specifications Overview
The part number follows a specific nomenclature used by manufacturers (frequently associated with companies like **MtronPTI**). Below is a breakdown of the typical characteristics of this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Output Type** | CMOS / HCMOS |
| **Supply Voltage** | 3.3V or 5.0V (Series dependent) |
| **Frequency Stability** | ±1.0ppm to ±5.0ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 14-pin DIP (Through-Hole) or SMD equivalent |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
### 2. Functional Description of Internal Parts
The MHO+54TAG-R is an integrated assembly consisting of several key electronic elements:
1. **Quartz Crystal Blank:** The heart of the unit that vibrates at a specific resonant frequency.
2. **Compensation Network:** A specialized circuit (often using thermistors) that adjusts the capacitance to counteract frequency "drift" caused by temperature changes.
3. **Oscillator IC:** An integrated circuit that maintains the oscillation and provides the output buffer.
4. **Voltage Regulator:** Internal circuitry to ensure that small fluctuations in input voltage do not affect the frequency timing.
---
### 3. Pinout Configuration
For the standard 14-pin DIP footprint (often used in the MHO series), the pin functions are usually as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or V_control | No connection or Voltage Control for tuning |
| **Pin 7** | GND | Case and Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square wave) |
| **Pin 14** | Vcc | Positive Power Supply |
---
### 4. Common Applications
Due to its high stability and through-hole "MHO" (Metal Hermetic Oscillator) design, it is commonly found in:
* **Base Stations:** Providing timing for cellular networks.
* **Test & Measurement:** Internal clocks for oscilloscopes or frequency counters.
* **Legacy Systems:** Industrial controllers that require high-reliability timing in 14-pin DIP formats.
- ⤷
What is the exact frequency of the MHO+54TAG-R variant you are using?
- ⤷ How does a TCXO differ from a standard XO (Crystal Oscillator)?
- ⤷ Are you looking for a modern surface-mount (SMD) replacement for this through-hole part?