MHO+54TGD-R
AI

The **MHO+54TGD-R** is a high-performance **Quartz Crystal Oscillator** typically manufactured by companies like MtronPTI. This specific component belongs to the MHO series, which are known for their high reliability and stability in communication and industrial applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | Typically 1.0 MHz to 150.0 MHz |
| **Package Type** | 14-pin DIP (Full Size) or 8-pin (Half Size) through-hole |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0V DC (indicated by the '5' in the code) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±50 ppm or ±100 ppm (depending on suffix) |
---
### 2. Breakdown of the Part Number
While manufacturers vary slightly, the "MHO+54TGD-R" structure usually decodes as follows:
* **MHO+**: Series designation (Metal Hermetic Oscillator). The "+" often indicates RoHS compliance (Lead-free).
* **5**: Represents the **5.0V** operating voltage.
* **4**: Refers to the output type or symmetry (often 40/60% duty cycle).
* **T**: Indicates the operating temperature range (T = Industrial, -40°C to +85°C).
* **GD**: Stability code (e.g., ±50ppm).
* **-R**: Indicates **RoHS Compliant**.
---
### 3. Key Electronic Features
* **Hermetic Sealing**: The crystal is housed in a metal "Can" package that is vacuum-sealed or nitrogen-filled to prevent aging and environmental interference.
* **Low Jitter**: Designed for timing circuits where high precision is required.
* **Tri-state Functionality**: Many versions include an "Enable/Disable" pin (Pin 1), allowing the output to go into a high-impedance state for testing or power saving.
* **Legacy Support**: Because it uses the 14-pin DIP footprint, it is frequently used in older industrial equipment, medical devices, and telecommunications infrastructure that require through-hole components rather than Surface Mount (SMD).
---
### 4. Typical Application Circuit
When integrating this part, follow this standard pin configuration:
```text
Pin 1: N.C. or Tri-state Enable
Pin 7: Ground (Case)
Pin 8: Output (Square Wave)
Pin 14: +5.0V DC Supply
```
*Note: A 0.01µF to 0.1µF bypass capacitor is highly recommended between Pin 14 and Pin 7 to filter power supply noise.*
- ⤷
What are the primary differences between the MHO and MHE series oscillators?
- ⤷ Can this 5V oscillator be safely interfaced with a 3.3V microcontroller?
- ⤷ What is the physical dimension difference between a Full-size and Half-size DIP package?