Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MHO+57FDD-R

  • AI
    Based on the model number provided, the **MHO+57FDD-R** typically refers to a high-precision, temperature-compensated crystal oscillator (TCXO) or a specialized clock oscillator module. These are critical components in telecommunications and high-frequency RF applications. ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Characteristic | Description | | :--- | :--- | :--- | | **Component Type** | Oscillator | Active crystal oscillator circuit. | | **Output Type** | CMOS / TTL | Provides a square wave output signal. | | **Frequency Range** | 1.0 MHz to 80 MHz | Varies based on specific factory calibration. | | **Voltage Supply** | 5.0V (Standard) | Usually indicated by the "5" in the part number. | | **Stability** | $\pm$25ppm to $\pm$100ppm | High stability over a wide temperature range. | | **Package Style** | 14-pin DIP (Full size) | Through-hole metal canister for EMI shielding. | --- ### 2. Key Internal Electronic Parts The module is an "Integrated Component," meaning it contains several parts inside its hermetically sealed metal case: 1. **Quartz Crystal:** The heart of the part, providing the mechanical resonance required for frequency generation. 2. **Inverter/Buffer IC:** An internal integrated circuit that maintains the oscillation and squares the output waveform to be compatible with digital logic (TTL/CMOS). 3. **Compensation Circuitry:** Resistors and capacitors calibrated to minimize frequency drift caused by temperature changes. 4. **Bypass Capacitor:** Internal filtering to reduce power supply noise and ensure a clean clock signal. --- ### 3. Pin Configuration (14-Pin DIP Style) Even though it has 14 pins, most are omitted or unused. The standard "4-pin" layout for this package is: * **Pin 1:** N.C. (No Connection) or Tri-state Control (Enable/Disable). * **Pin 7:** Ground (GND). * **Pin 8:** Output Signal (The clock frequency). * **Pin 14:** Vcc (+5V Power Supply). --- ### 4. Applications The MHO+57FDD-R is designed for environments where a stable timing reference is required: * **Networking Gear:** Routers, switches, and modems. * **Industrial Controllers:** PLC units requiring precise timing for automation. * **Legacy Computing:** Motherboards or peripheral cards requiring a fixed TTL clock. * **Test Equipment:** Oscilloscopes and frequency counters.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MHO+57FDD-R unit?
    • ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
    • ⤷ Are you troubleshooting a circuit where this oscillator is failing to start?