MHO+58FBD-R
AI

The **MHO+58FBD-R** is a high-precision, high-frequency **Oven Controlled Crystal Oscillator (OCXO)** manufactured by MtronPTI. These components are critical in telecommunications and aerospace applications where frequency stability over temperature variations is paramount.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and mechanical characteristics for the MHO series, specifically focusing on the 58FBD variant:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Output Type** | CMOS / HCMOS |
| **Supply Voltage (Vcc)** | Typically +5.0V or +3.3V (Model dependent) |
| **Frequency Stability** | ±50 ppb (parts per billion) to ±100 ppb |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | Through-hole (DIP-14 compatible footprint) |
| **RoHS Status** | Compliant (indicated by the -R suffix) |
---
### 2. Functional Breakdown
#### A. The "Oven" Mechanism
Unlike standard oscillators (XO) or temperature-compensated oscillators (TCXO), an **OCXO** contains an internal heating element and a thermistor. It keeps the quartz crystal at a specific "turning point" temperature (usually around 75°C to 85°C). Because the internal temperature remains constant regardless of the outside environment, the frequency drift is near zero.
#### B. Naming Convention Deciphered
* **MHO:** MtronPTI High-Stability OCXO Series.
* **58:** Refers to the specific package size and pin configuration (often a 20.3 x 12.7 mm footprint).
* **FBD:** Internal codes for frequency stability, temperature range, and output waveform (HCMOS).
* **-R:** Indicates RoHS compliance (lead-free).
---
### 3. Applications
Due to its high stability, the MHO+58FBD-R is commonly found in:
1. **Base Stations:** Synchronization for 4G/5G LTE cellular towers.
2. **Test Equipment:** Frequency counters and signal generators.
3. **Network Switches:** High-speed data transmission timing.
4. **Satellite Communications:** Ground station frequency references.
---
### 4. Circuit Implementation Tips
* **Warm-up Time:** Remember that OCXOs require a "warm-up" period (usually 2 to 5 minutes) before they reach their specified stability.
* **Power Consumption:** These parts draw significantly more current (up to 500mA during warm-up) than standard oscillators because of the internal heater.
* **Placement:** Avoid placing the component near cooling fans or high-airflow areas, as this can force the heater to work harder and may introduce slight thermal noise.
- ⤷What is the typical warm-up power consumption for this OCXO?
- ⤷ How does an OCXO differ from a TCXO in terms of stability?
- ⤷ What are the pinout definitions for the MHO series DIP package?