MHO+58FCD-R
AI

The **MHO+58FCD-R** refers to a high-precision, high-frequency **Crystal Oscillator (OCXO or TCXO)** typically manufactured by MtronPTI. These components are critical in telecommunications and aerospace applications where timing stability is paramount.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics found in the MHO series (specifically the 58FCD-R variant):
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (Clock) |
| **Package Style** | 14-pin DIP (Dual In-line Package) or Flatpack |
| **Output Type** | CMOS / TTL Compatible |
| **Voltage Supply** | Typically 3.3V or 5.0V DC |
| **Frequency Range** | Usually 1.0 MHz to 150.0 MHz (Specific to model) |
| **Stability** | High stability over temperature (often ±20ppm to ±50ppm) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Key Electronic Components & Features
The "MHO" series is known for several internal architectural features:
* **AT-Cut Quartz Crystal:** Uses a high-quality quartz wafer cut at a specific angle (AT-cut) to minimize frequency drift caused by temperature changes.
* **CMOS Drive Circuitry:** The "F" in the part number often signifies a specific frequency stability or output logic level (CMOS), which allows for low power consumption and high noise immunity.
* **Tri-state Functionality:** Many models in this series include an "Enable/Disable" pin. When disabled, the output goes into a high-impedance state, reducing system power draw.
* **Hermetic Sealing:** The internal parts are housed in a metal resistance-weld package to protect the crystal from humidity and atmospheric pressure changes.
---
### 3. Deciphering the Part Number (MHO+58FCD-R)
While manufacturers use proprietary codes, the string generally breaks down as follows:
1. **MHO:** Series designation (MtronPTI High-Reliability Oscillator).
2. **58:** Refers to the physical package size and pin configuration.
3. **F:** Frequency stability code (e.g., ±50ppm).
4. **C:** Temperature range code (e.g., 0°C to +70°C).
5. **D:** Duty Cycle requirements (e.g., 40/60% or 45/55%).
6. **-R:** **RoHS Compliant.** This indicates the part is lead-free and meets environmental safety standards.
---
### 4. Common Applications
Due to its high reliability and precision, this part is commonly used in:
* **Network Infrastructure:** Synchronizing data packets in switches and routers.
* **Industrial Control:** Providing a stable clock for microprocessors in harsh environments.
* **Test & Measurement:** Acting as a reference frequency for oscilloscopes or signal generators.
- ⤷What is the exact frequency of the MHO+58FCD-R in megahertz?
- ⤷ Are there Surface Mount (SMD) equivalents for this 14-pin DIP oscillator?
- ⤷ What are the power consumption specs for the 3.3V vs 5.0V versions?