MHO+61TCG-R
AI

The **MHO+61TCG-R** is a specific series designation for high-precision **Quartz Crystal Oscillators**, typically manufactured by companies like **Mercury Electronic**. These components are essential in digital circuits for providing a stable clock frequency.
---
### 1. Technical Specifications Overview
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | CMOS Crystal Clock Oscillator |
| **Package Type** | 4-Pad SMD (Surface Mount Device) |
| **Dimensions** | 7.0 x 5.0 x 1.8 mm (Typical for MHO series) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vdd)** | Usually 3.3V or 5.0V (Variant dependent) |
| **Frequency Range** | 1.0 MHz to 150 MHz |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
### 2. Breakdown of the Part Number
While specific manufacturer codes vary slightly, the "MHO" line generally breaks down as follows:
* **MHO:** Series identifier for 7x5mm metal/ceramic SMD oscillators.
* **+:** Usually indicates a lead-free/RoHS compliant process.
* **61:** Often refers to the supply voltage and frequency stability (e.g., 3.3V with ±50ppm or ±25ppm).
* **TCG:** Internal manufacturer codes for temperature range and output symmetry.
* **-R:** Denotes "RoHS Compliant" or "Tape & Reel" packaging for automated assembly.
---
### 3. Pin Configuration
The MHO+ series typically utilizes a standard 4-pad layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state) or No Connection |
| **2** | GND | Ground / Case Connection |
| **3** | Output | The generated clock signal |
| **4** | Vdd | Positive Power Supply |
---
### 4. Key Applications
Because of its stability and standard footprint, the MHO+61TCG-R is found in:
* **Networking:** Ethernet switches and routers.
* **Embedded Systems:** Microcontroller (MCU) external clocking.
* **Industrial:** PLCs and automation control boards.
* **Consumer Electronics:** High-definition video equipment and storage devices.
---
### 5. Implementation Example
To use this in a circuit, a 0.01µF to 0.1µF bypass capacitor should be placed as close as possible to the Vdd pin (Pin 4) and GND (Pin 2) to filter noise.
```c
// Example: Conceptual Pseudocode for MCU using an external oscillator
void System_Clock_Config(void) {
// 1. Enable external oscillator input
// 2. Set PLL multipliers based on MHO+61TCG-R frequency (e.g., 25MHz)
// 3. Switch System Clock to External Source
}
```
- ⤷What is the exact frequency of the MHO+61TCG-R variant you are looking at?
- ⤷ What are the common alternatives to the 7x5mm SMD package?
- ⤷ How does 'Tri-state' functionality work on Pin 1 of this oscillator?