MHO+62TBD-R
AI

The **MHO+62TBD-R** is a high-performance **Crystal Oscillator (TCXO/Clock Oscillator)** typically manufactured by companies like MtronPTI. It is designed for precision timing applications where stability and reliability are critical.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics for this part series:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Crystal Oscillator (XO) |
| **Package Type** | 4-Pin Through-Hole (DIP-14 or Half-Size DIP) |
| **Supply Voltage ($V_{dd}$)** | 5.0V DC (Standard for the + series) |
| **Output Type** | HCMOS/TTL Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±50 ppm to ±100 ppm (Typical) |
| **Termination** | Sn/Pb or RoHS Compliant (R suffix indicates RoHS) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific electronic attributes:
* **MHO**: Represents the Series/Manufacturer code (typically Mtron High-Output/Metal High-Reliability).
* **+**: Usually denotes a specific voltage or specialized performance enhancement (e.g., 5.0V operation).
* **6**: Refers to the Package Style (often 14-pin DIP footprint, though only 4 pins are active).
* **2**: Stability code (e.g., ±50ppm).
* **T**: Operating Temperature range code (e.g., Industrial -40/+85°C).
* **B**: Duty Cycle specification (e.g., 40/60% or 45/55%).
* **D**: Output Type (HCMOS/TTL).
* **R**: **RoHS Compliant**. This indicates the part is lead-free and meets environmental safety standards.
---
### 3. Internal Components and Function
The MHO+62TBD-R consists of several internal electronic stages:
1. **Quartz Crystal Blank**: The mechanical vibrating element that determines the fundamental frequency.
2. **Oscillator IC**: An integrated circuit that provides the gain to sustain oscillation.
3. **Buffer/Driver**: Converts the internal sine wave into a clean square wave (HCMOS/TTL) to drive other digital components on a PCB.
4. **Bypass Capacitors**: Built-in filtering to reduce power supply noise and jitter.
---
### 4. Common Applications
Due to its robust through-hole design, it is frequently used in:
* **Industrial Control Systems**: PLCs and automation hardware.
* **Legacy Computing**: Replacing clock sources in older motherboard architectures.
* **Telecommunications**: Base stations and networking hardware requiring 5V logic.
* **Test & Measurement**: Signal generators and frequency counters.
- ⤷What is the exact pinout for the 4-pin DIP configuration of this oscillator?
- ⤷ Can this 5V oscillator be interfaced with a 3.3V microcontroller safely?
- ⤷ What are the phase jitter characteristics of the MHO series?