AI

The **MHO+62TDD-R** is a high-performance, precision Crystal Oscillator (XO) typically used in telecommunications and data networking equipment. It is manufactured by **MtronPTI**, a company specializing in frequency control and spectrum control solutions.
---
### 1. Technical Specifications
The following table highlights the core electronic characteristics of the MHO+62TDD-R series:
| Parameter | Specification Details |
| :--- | :--- |
| **Frequency Range** | Typically ranges from 1.0 MHz to 100+ MHz (specific to ordering) |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | 5.0V (Standard for the "6" series designation) |
| **Stability** | $\pm$25ppm to $\pm$100ppm (depends on specific sub-code) |
| **Package Style** | 14-pin DIP (Dual In-line Package) compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Enable/Disable Function** | Included (Tri-state functionality) |
---
### 2. Breakdown of the Part Number
Electronic components often use a "smart" numbering system. For MtronPTI, the code breaks down as follows:
* **MHO:** Identifies the series (Metal Hermetic Oscillator).
* **6:** Indicates the input voltage (5.0 Volts).
* **2:** Usually indicates the frequency stability (e.g., $\pm$50ppm).
* **T:** Denotes "Tri-state" capability (the output can be disconnected/high-impedance).
* **DD:** Refers to the temperature range and symmetry/duty cycle requirements.
* **R:** Indicates **RoHS compliance** (Lead-free).
---
### 3. Key Electronic Functions
The MHO+62TDD-R serves three primary roles within a circuit:
1. **Clock Generation:** It provides a stable, periodic square wave signal that acts as the "heartbeat" for microprocessors, FPGAs, and Digital Signal Processors (DSPs).
2. **Tri-State Output:** The "T" in the part number allows the output pin to enter a high-impedance state. This is useful for testing or when multiple oscillators share a single bus.
3. **Hermetic Sealing:** Because it is a metal-can package (DIP-14), the internal quartz crystal is protected from atmospheric moisture and contaminants, ensuring long-term frequency aging stability.
---
### 4. Typical Application Circuit
When integrating this part, designers typically follow this basic layout:
```c
// Pin Configuration (Top View)
Pin 1: Tri-state Control (High = Output, Low = High-Z)
Pin 7: Ground (GND)
Pin 8: Output Signal (Frequency)
Pin 14: Vcc (+5.0V Supply)
// Design Note:
// Always place a 0.01uF to 0.1uF ceramic bypass capacitor
// as close to Pin 14 as possible to reduce noise.
```
- ⤷
What are the alternatives to the 14-pin DIP package for modern surface-mount designs?
- ⤷ How does frequency stability (ppm) affect high-speed data transmission?
- ⤷ What is the difference between an XO and a TCXO in terms of precision?