MHO+62TFD-R
AI

The **MHO+62TFD-R** is a high-performance **Crystal Oscillator** (specifically a Clock Oscillator) manufactured by **MtronPTI**. It is designed for precision timing in industrial and telecommunications equipment.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (Fixed) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{dd}$)** | 5.0 Volts (Typical) |
| **Frequency Range** | Usually between 1.0 MHz to 100.0 MHz |
| **Frequency Stability** | $\pm$ 50 ppm (Typical for TFD variant) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by MtronPTI:
* **MHO**: Series designation for Mtron High-reliability Oscillators (5.0V, 14-pin DIP).
* **+**: Lead-free / RoHS Compliant.
* **6**: Frequency Stability code (commonly represents $\pm$ 50ppm).
* **2**: Duty Cycle code (usually 40/60% or 45/55%).
* **TFD**: Temperature and Output configuration (Industrial temp range).
* **R**: Packaging suffix (e.g., Tube or specific reel).
---
### 3. Pin Configuration
Since this is a standard 14-pin DIP package (though it only uses 4 physical pins in the corners), the layout is typically as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Case Ground / Negative Power |
| **Pin 8** | Output | The generated clock signal |
| **Pin 14** | $V_{cc}$ / $V_{dd}$ | Positive Power Supply (+5V) |
---
### 4. Applications
The MHO+62TFD-R is used in circuits requiring a stable heart-beat or timing reference:
* **Industrial Controllers:** PLC and embedded automation systems.
* **Networking:** Routers, switches, and modems.
* **Legacy Computing:** Replacement parts for older motherboards or timing cards.
* **Test & Measurement:** Oscilloscopes and signal generators.
---
- ⤷
What is the difference between the 14-pin DIP and 8-pin DIP versions of this oscillator?
- ⤷ Can I use a 3.3V power supply with the MHO+62TFD-R?
- ⤷ What are the common failure modes for this type of crystal oscillator?