MHO+63FAAD-R
AI

The **MHO+63FAAD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is part of the MHO+ series, which is specifically designed for high-reliability applications requiring high frequencies and stability.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | CMOS / TTL |
| **Supply Voltage** | 3.3V DC |
| **Package Style** | 14-pin DIP (Full Size) |
| **Stability** | ±100 ppm (standard for this series) |
| **Operating Temperature** | 0°C to +70°C |
| **RoHS Status** | RoHS Compliant (-R suffix) |
---
### 2. Key Electronic Features
* **Tri-State Functionality:** This part typically includes an output enable/disable function (Pin 1), allowing the output to be placed in a high-impedance state for testing or power management.
* **Hermetically Sealed:** The internal crystal is housed in a metal DIP package, protecting it from environmental moisture and contaminants.
* **Low Jitter:** Designed for timing applications where phase noise and clock jitter must be minimized to ensure data integrity.
* **Through-Hole Mounting:** As a 14-pin DIP package, it is intended for through-hole PCB assembly, which is robust for high-vibration environments.
---
### 3. Pin Configuration (Standard 14-pin DIP)
Though it occupies a 14-pin footprint, usually only 4 pins are electrically connected:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | Enable/Disable control |
| **7** | Ground | Circuit ground |
| **8** | Output | Frequency signal output |
| **14** | Vcc | +3.3V Power supply |
---
### 4. Common Applications
Due to its reliability and standard footprint, the MHO+63FAAD-R is used in:
* **Networking Hardware:** Switches, routers, and hubs.
* **Industrial Controls:** High-reliability automation systems.
* **Legacy Computing:** Replacement parts for older industrial motherboards or timing circuits.
* **Test and Measurement:** Signal generators and oscilloscopes.
- ⤷
What is the specific output frequency for the MHO+63FAAD-R?
- ⤷ Can this oscillator be used in -40°C to +85°C environments?
- ⤷ What are the power consumption characteristics of the MHO+ series?