MHO+63TAAG-R
AI

Based on the part number **MHO+63TAAG-R**, this component is a high-precision **Crystal Oscillator** (specifically a Clock Oscillator) manufactured by **Mercury Electronic**.
Below is a detailed breakdown of its electronic characteristics and specifications based on the standard naming convention for the MHO series.
### 1. Part Number Breakdown
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **MHO** | Series Name | Metal Hollow/HC-49 Type Oscillator |
| **+** | RoHS Status | Lead-free / RoHS Compliant |
| **6** | Operating Voltage | 5.0V DC |
| **3** | Stability | ±50 ppm (Typical for this series) |
| **T** | Output Type | TTL / CMOS Compatible |
| **AA** | Frequency | Represents the specific MHZ (Refer to datasheet for exact offset) |
| **G** | Operating Temp | -40°C to +85°C (Industrial Grade) |
| **-R** | Packaging | Tape & Reel |
---
### 2. Technical Specifications
The MHO+ series is designed for reliability in digital circuits requiring a steady clock pulse.
* **Frequency Range:** Typically available from 1.0 MHz to 156.0 MHz.
* **Supply Voltage ($V_{DD}$):** 5.0V (±10%).
* **Output Load:** 15pF to 50pF (CMOS/TTL).
* **Symmetry / Duty Cycle:** 40/60% to 45/55%.
* **Rise/Fall Time:** 5ns to 10ns (depending on load).
* **Package Style:** 14-pin DIP (Full size) or 8-pin DIP (Half size) equivalent metal cans, usually through-hole.
---
### 3. Key Applications
Because of its high stability and industrial temperature range, the MHO+63TAAG-R is commonly found in:
1. **Industrial Controls:** PLCs and automation hardware.
2. **Networking:** Routers, switches, and communication gateways.
3. **Legacy Systems:** Motherboards or embedded systems requiring a 5V clock source.
4. **Test Equipment:** Oscilloscopes and signal generators.
---
### 4. Circuit Implementation
When integrating this part into a PCB, ensure the following:
* **Decoupling:** Place a **0.01μF to 0.1μF** ceramic capacitor as close to the $V_{DD}$ pin and Ground pin as possible to filter noise.
* **Trace Length:** Keep the output trace short to minimize EMI (Electromagnetic Interference) and signal degradation.
- ⤷
What is the exact frequency value assigned to the 'AA' code for this specific part?
- ⤷ Are there 3.3V alternatives for this oscillator series?
- ⤷ Can this oscillator be used in automotive environments?