MHO+63TGD-R
AI

The **MHO+63TGD-R** is a specific series of high-precision crystal oscillators manufactured by **MtronPTI**. These components are critical for providing accurate timing signals in high-reliability electronic systems.
### 1. Technical Specifications Overview
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Half Size |
| **Output Type** | HCMOS / TTL Compatible |
| **Voltage Supply** | Typically 5.0V (Standard for MHO+ series) |
| **Operating Temp** | Industrial ranges available (Standard: 0°C to +70°C) |
| **RoHS Status** | Compliant (indicated by the suffix/series) |
---
### 2. Key Electronic Features
#### A. Tri-State Functionality
The **"T"** in the part number usually signifies **Tri-state** capability. This allows the output pin to be placed in a high-impedance state, effectively disconnecting it from the circuit. This is useful for:
* Power saving.
* Automated board testing (ICT).
* Bus-sharing architectures.
#### B. Stability and Precision
As an "MHO" series device, it is designed for tight frequency stability. It uses a quartz crystal resonator combined with a CMOS integrated circuit to maintain a consistent frequency despite fluctuations in temperature or voltage.
#### C. Robust Construction
The "R" suffix often denotes **RoHS compliance** (Lead-free), and the physical housing is a hermetically sealed metal can. This protects the internal quartz crystal from moisture and atmospheric contaminants, ensuring long-term frequency aging stability.
---
### 3. Pin Configuration (Typical 14-pin Half-DIP)
Although it has a 14-pin footprint, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state control) or No Connection |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (Square wave) |
| **14** | Vcc | Positive Power Supply (+5.0V) |
---
### 4. Common Applications
Due to its reliability and standard footprint, it is frequently used in:
1. **Telecommunications:** Base stations and switching equipment.
2. **Industrial Control:** PLCs and synchronized manufacturing hardware.
3. **Legacy Computing:** Motherboards or expansion cards requiring a stable 5V clock source.
4. **Test & Measurement:** Oscilloscopes and signal generators.
- ⤷
What is the standard frequency range available for the MHO+63 series?
- ⤷ How does the 'Tri-state' function impact power consumption in this device?
- ⤷ Are there surface-mount (SMD) equivalents for the MHO+63TGD-R?