MHO+64TAD-R
AI

The **MHO+64TAD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is designed for applications requiring high stability and reliability in a compact through-hole package.
---
### ## Technical Specifications
The following table outlines the primary electrical and physical characteristics of the MHO+64TAD-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz |
| **Supply Voltage (Vcc)** | +5.0 VDC (±10%) |
| **Package Style** | 14-pin DIP (Full Size), 4 Pins Connected |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±100 ppm (standard for 'A' suffix) |
| **Symmetry/Duty Cycle** | 40/60% to 45/55% |
| **RoHS Status** | RoHS Compliant (-R suffix) |
---
### ### Key Features and Internal Parts
1. **AT-Cut Quartz Crystal:** The heart of the unit is a precision-ground quartz crystal that determines the fundamental resonant frequency.
2. **CMOS Integrated Circuit (IC):** Contains the oscillation circuit and the output buffer. This ensures the signal is strong enough to drive multiple loads (up to 15pF or 10 TTL gates).
3. **Tristate Functionality (T):** The "T" in the part number indicates **Tri-state/Enable-Disable** capability. When Pin 1 is pulled low, the output goes into a high-impedance state, allowing for power saving or bus sharing.
4. **Hermetic Seal:** The internal components are housed in a metal "DIP" package, vacuum-sealed or filled with nitrogen to prevent aging caused by oxidation and moisture.
---
### ### Pin Configuration
The MHO+64TAD-R follows the standard 14-pin DIP footprint, though only 4 pins are electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D (Enable/Disable) | High or Floating = Output Active; Low = High Impedance |
| **7** | GND | Case and Circuit Ground |
| **8** | Output | The generated frequency signal |
| **14** | Vcc | +5.0V Power Supply Input |
---
### ### Part Number Breakdown
* **MHO:** MtronPTI High Output series (Full size DIP).
* **+:** Denotes RoHS compliance (often used interchangeably with the -R suffix).
* **6:** Denotes the stability/temperature code.
* **4:** Denotes the voltage (5.0V).
* **T:** Denotes Tri-state function on Pin 1.
* **A:** Denotes the frequency stability (e.g., ±100ppm).
* **D:** Denotes the duty cycle (e.g., 40/60%).
* **-R:** RoHS Compliant.
- ⤷
What are the primary differences between the MHO and the smaller MHE series?
- ⤷ How does the 'Tri-state' function impact power consumption in this device?
- ⤷ Can this oscillator be used in 3.3V circuits
- ⤷ or is it strictly 5V?