MHO+65FBD-R
AI

The **MHO+65FBD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It belongs to the MHO series, which is known for providing stable timing signals in a standard 14-pin DIP (Dual In-line Package) footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (Fixed Frequency) |
| **Package Style** | 14-pin DIP (Full Size) |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | 5.0 VDC |
| **Stability** | ±100 ppm (Standard for the "F" suffix) |
| **Temperature Range** | 0°C to +70°C (Commercial Grade) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific electronic characteristics:
* **MHO:** Series designation (MtronPTI High-Output/Standard series).
* **+:** Usually indicates a specific lead-free or enhanced manufacturing process.
* **6:** Voltage rating (typically representing 5.0V).
* **5:** Symmetry/Duty Cycle (typically 40/60% or 45/55%).
* **F:** Frequency Stability (F usually denotes ±100ppm).
* **B:** Operating Temperature Range (B usually denotes 0°C to +70°C).
* **D:** Tri-state Enable/Disable function (Pin 1).
* **-R:** RoHS Compliant (Lead-free).
---
### 3. Functional Pinout
Although it fits a 14-pin footprint, most oscillators of this type only utilize 4 active pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Tri-State / NC | Logic high or floating allows output; Logic low disables output. |
| **7** | Case Ground | Connected to the metal cover for EMI shielding. |
| **8** | Output | The generated clock signal (Square Wave). |
| **14** | Vcc | +5.0V Power Supply. |
---
### 4. Typical Applications
This component is used to provide a "heartbeat" or clock reference for digital circuits, including:
* **Microprocessors:** Driving the system clock for legacy computing hardware.
* **Industrial Controllers:** Timing for PLCs and automation equipment.
* **Networking:** Syncing data transmission in older Ethernet or serial communication hardware.
* **Test & Measurement:** Providing stable references for frequency counters.
- ⤷
What is the exact frequency of your specific MHO+65FBD-R unit?
- ⤷ How does the Tri-state function (Pin 1) affect power consumption?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?