MHO+65TAAG-R
AI

The **MHO+65TAAG-R** is a high-precision, industrial-grade crystal oscillator. Specifically, it belongs to the **MHO+** series produced by **MtronPTI**, which is known for manufacturing high-reliability timing and frequency control components.
### 1. Component Overview
This part is a **Fixed Output Crystal Oscillator (XO)**. It is designed to provide a stable clock signal for digital circuits, telecommunications, and industrial control systems.
---
### 2. Technical Specifications
Below are the primary electrical and physical characteristics of the MHO+65TAAG-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Package Type** | 14-pin DIP (Half Size) | Often referred to as "8-pin" footprint (4 pins used) |
| **Output Type** | HCMOS / TTL | Compatible with most digital logic levels |
| **Supply Voltage (Vcc)** | 5.0 Volts | Standard logic supply voltage |
| **Frequency Stability** | ±50 ppm to ±100 ppm | Depends on specific sub-grade (Standard stability) |
| **Temperature Range** | -40°C to +85°C | Industrial Grade (Standard operating range) |
| **RoHS Status** | Compliant (-R) | Indicates lead-free construction |
---
### 3. Pin Configuration
The device uses a standard 4-pin layout within a 14-pin DIP footprint:
1. **Pin 1 (NC/ED):** No Connection or Output Enable/Disable (depending on exact sub-configuration).
2. **Pin 7 (GND):** Case and Circuit Ground.
3. **Pin 8 (Output):** The generated clock frequency signal.
4. **Pin 14 (Vcc):** +5.0V Power Supply.
---
### 4. Key Features & Applications
#### Features
* **Hermetically Sealed:** The metal can package provides excellent protection against environmental humidity and aging.
* **Low Jitter:** Designed for timing-sensitive digital applications.
* **Through-Hole Mounting:** Ideal for robust mechanical connections on PCBs or legacy hardware.
#### Common Applications
* **Industrial Controllers:** PLC (Programmable Logic Controllers) and automation hardware.
* **Networking:** Routers, switches, and modems requiring a 5V clock source.
* **Legacy Computing:** Replacement parts for older motherboards and embedded systems using 5V logic.
---
### 5. Part Number Breakdown (Typical MtronPTI nomenclature)
* **MHO+**: Series name (HCMOS/TTL compatible, 5.0V).
* **6**: Frequency Stability (±50 ppm).
* **5**: Operating Temperature Range (Industrial: -40 to +85°C).
* **T**: Duty Cycle / Symmetry (Typically 40/60% or 45/55%).
* **AA**: Output Type (HCMOS/TTL).
* **G**: Internal code or Pin 1 function (Enable/Disable).
* **-R**: RoHS Compliant.
- ⤷
What is the specific output frequency of your MHO+65TAAG-R unit?
- ⤷Does your circuit require an Enable/Disable function on Pin 1?
- ⤷Are you looking for a modern surface-mount (SMD) equivalent for this part?