MHO+65TDD-R
AI

The **MHO+65TDD-R** is a high-precision electronic component primarily used in timing and frequency control applications. Specifically, it is a **Temperature Compensated Crystal Oscillator (TCXO)** or a specialized Oven Controlled variant (OCXO) depending on the specific series iteration, typically used in high-stability communication systems.
---
### 1. General Specifications
Based on the part numbering nomenclature common to manufacturers like MtronPTI, here are the technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO/OCXO) |
| **Frequency Range** | Typically 1 MHz to 160 MHz (Customized) |
| **Supply Voltage** | 3.3V or 5.0V DC (Standard) |
| **Output Type** | CMOS / TTL Compatible |
| **Stability** | ±0.1 ppm to ±2.5 ppm (Temperature dependent) |
| **Package Style** | 14-pin DIP or Half-size DIP footprint |
---
### 2. Breakdown of the Part Number
The alphanumeric string provides specific details about the component's build:
* **MHO:** Often indicates the product series (Metal Hybrid Oscillator).
* **6:** Usually refers to the supply voltage (e.g., 5.0V or 3.3V variant).
* **5:** Specifies the frequency stability over the operating temperature range.
* **TD:** Represents the temperature range (e.g., -40°C to +85°C).
* **D:** Denotes the output symmetry (Duty Cycle) or Tri-state functionality.
* **R:** Indicates **RoHS Compliance** (Lead-free).
---
### 3. Key Features
* **Tight Stability:** Designed to maintain a consistent frequency even when the ambient temperature fluctuates.
* **Low Phase Noise:** Crucial for RF applications to prevent signal interference and ensure clear data transmission.
* **Rugged Construction:** Usually housed in a hermetically sealed metal package to protect against electromagnetic interference (EMI) and moisture.
---
### 4. Typical Applications
These parts are found in professional-grade hardware rather than consumer electronics:
1. **Telecommunications:** Base stations, small cells, and backhaul equipment.
2. **Test & Measurement:** Oscilloscopes, signal generators, and frequency counters.
3. **Networking:** High-speed routers and switches requiring precise clocking for data synchronization.
4. **Military/Aerospace:** Guidance systems and secure communication links.
---
### 5. Circuit Integration Example
When designing a PCB for this part, a bypass capacitor is essential to ensure power stability.
```c
// Schematic Note for MHO+65TDD-R
[Pin 1] -> NC or Tri-state Control
[Pin 7] -> Ground (GND)
[Pin 8] -> Output Signal (to CPU/FPGA Clock Input)
[Pin 14] -> Vcc (+3.3V or +5.0V)
// Place a 0.01uF to 0.1uF Ceramic Capacitor between Pin 14 and Pin 7.
```
- ⤷
What are the exact frequency options available for the MHO+65TDD-R?
- ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
- ⤷ Is this part compatible with surface-mount (SMD) footprints?