MHO+66FBG-R
AI

The **MHO+66FBG-R** is a specific part number typically associated with **SMD (Surface Mount Device) high-precision resistors**, often part of the MHO series manufactured by companies like **KOA Speer** or similar specialty resistor firms. These are designed for high-stability and precision applications.
---
### 1. Technical Specifications Table
Based on the standard nomenclature for the MHO series, here are the general technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Metal Film Precision Resistor |
| **Mounting Style** | Surface Mount (SMD/SMT) |
| **Resistance Value** | Typically 6.6 kΩ (based on "66" coding) |
| **Tolerance** | ±0.1% to ±1% (F usually denotes 1%) |
| **Power Rating** | 0.25W to 0.5W (varies by package size) |
| **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C |
| **Operating Temp Range** | -55°C to +155°C |
---
### 2. Breakdown of the Part Number
While manufacturers have slight variations, the suffix and prefix usually break down as follows:
* **MHO:** Series identifier (Metal Film, High Stability, Often Molded).
* **66:** Numerical resistance code.
* **F:** Tolerance code (F = ±1%).
* **BG:** Packaging or Temp Coefficient indicator (often denotes Bulk or specific Tape & Reel).
* **R:** RoHS Compliant (Lead-free).
---
### 3. Key Features
* **High Reliability:** Designed to withstand environmental stress and maintain a stable resistance value over time.
* **Low Noise:** Metal film construction provides much lower thermal noise compared to standard thick-film carbon resistors.
* **Precision:** Used in circuits where exact voltage division or current sensing is required.
---
### 4. Common Applications
Due to its precision nature, this component is found in:
1. **Medical Instrumentation:** For accurate sensor readings.
2. **Industrial Controls:** In feedback loops for motor controllers.
3. **Telecommunications:** Signal processing and filtering.
4. **Test & Measurement:** Multimeters and oscilloscopes.
---
### 5. Sample Footprint Representation
If you are designing a PCB (Printed Circuit Board), the footprint usually follows standard EIA sizes (like 1206 or 2512):
```c
// Typical SMD Land Pattern (Dimensions in mm)
[Pad] --- 1.5mm gap --- [Pad]
Width: 1.6mm
Length: 3.2mm (for 1206 package)
```
- ⤷
What is the exact wattage rating for the MHO+66FBG-R version?
- ⤷ Are there equivalent alternatives from brands like Vishay or Panasonic?
- ⤷ How does the 'BG' suffix specifically impact the temperature coefficient?