MHO+66FFD-R
AI

The **MHO+66FFD-R** refers to a high-performance oscillator, typically part of the **MHO+** series manufactured by companies like MtronPTI. These components are essential in telecommunications, networking, and industrial applications where precise timing is required.
---
### 1. General Specifications
The MHO+ series is characterized by its high-frequency stability and robust construction. Below is a breakdown of the typical technical attributes for this specific part class:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | CMOS / TTL |
| **Voltage Supply** | 3.3V or 5.0V (Standard) |
| **Package Style** | 14-pin DIP (Full size or Half size metal can) |
| **Frequency Range** | 1.0 MHz to 150 MHz |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the **-R** suffix) |
---
### 2. Part Number Breakdown
While specific manufacturer codes can vary slightly, the alphanumeric string generally follows this logic:
* **MHO+**: Series designation (High-frequency, Metal package).
* **66**: Often refers to the frequency stability (e.g., ±25ppm or ±50ppm) or specific voltage/output configurations.
* **F**: Temperature range code (e.g., Industrial -40 to +85°C).
* **FD**: Features like "Fixed" frequency or specific "Duty Cycle" requirements (e.g., 45/55%).
* **-R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Key Electronic Characteristics
#### A. Signal Integrity
These parts are designed to provide a clean square wave output. The "CMOS" output ensures compatibility with most modern microcontrollers and FPGAs.
#### B. Thru-Hole Mounting
The 14-pin DIP format is a "Thru-Hole" technology (THT). This makes the component physically secure and easy to prototype on breadboards or double-sided PCBs compared to surface-mount (SMD) alternatives.
#### C. Typical Pinout
For a standard 14-pin DIP oscillator, the pin configuration usually follows this standard:
```text
Pin 1: NC (No Connection) or Tri-state Control
Pin 7: Case Ground (GND)
Pin 8: Output Signal
Pin 14: Supply Voltage (Vcc)
```
---
### 4. Applications
The MHO+66FFD-R is commonly found in:
1. **Ethernet Switches:** Providing the clock for data packet processing.
2. **Industrial Controllers:** Timing for PLCs and automation logic.
3. **Legacy Systems:** Replacing older oscillators in equipment that requires metal-can shielding to reduce Electromagnetic Interference (EMI).
- ⤷What is the exact frequency of the MHO+66FFD-R variant you are looking for?
- ⤷ How does the metal can package affect EMI compared to SMD oscillators?
- ⤷ Are there specific load capacitance requirements for this oscillator?