MHO+66TAG-R
AI

The **MHO+66TAG-R** is a specific electronic component primarily categorized as an **Oven Controlled Crystal Oscillator (OCXO)**. These devices are designed for applications requiring extreme frequency stability over a wide temperature range.
---
### 1. Key Technical Specifications
The "MHO" series typically belongs to specialized manufacturers (like MtronPTI). Below is a breakdown of the standard specifications for this part:
| Parameter | Typical Value / Range | Description |
| :--- | :--- | :--- |
| **Component Type** | OCXO | Oven Controlled Crystal Oscillator |
| **Frequency Stability** | ±10 ppb to ±100 ppb | Extreme precision compared to standard TCXOs |
| **Output Type** | CMOS / Sine Wave | Compatibility with digital or analog circuits |
| **Supply Voltage** | 3.3V or 5.0V | standard logic levels |
| **Package Style** | Through-hole (DIP) | Often a 14-pin or 4-pin metal can |
| **RoHS Status** | Compliant (indicated by -R) | Lead-free construction |
---
### 2. Functional Components
An OCXO like the MHO+66TAG-R consists of several internal electronic subsystems:
1. **Quartz Crystal:** The resonating element that determines the base frequency.
2. **Internal Oven (Heater):** A heating circuit that keeps the crystal at a specific "turning point" temperature (usually around 75°C to 85°C) where the frequency change relative to temperature is minimal.
3. **Temperature Sensor:** Monitors the internal cavity temperature to provide feedback to the heater control circuit.
4. **Control Circuitry:** Maintains a constant temperature and manages power distribution.
5. **Output Buffer:** Ensures the signal is strong enough to drive the load without affecting the stability of the internal oscillator.
---
### 3. Part Number Decoding (Typical)
While naming conventions vary by manufacturer, here is a general breakdown of the "MHO+66TAG-R" nomenclature:
* **MHO:** Series identifier (High stability OCXO).
* **66:** Often refers to the physical package size or a specific voltage/output configuration.
* **TAG:** Specific internal codes for frequency stability, temperature range, and pullability.
* **-R:** Indicates **RoHS compliance** (Restriction of Hazardous Substances).
---
### 4. Applications
Due to its high stability, this part is commonly used in:
* **Telecommunications:** Base stations (LTE/5G) and synchronization units.
* **Test & Measurement:** High-end frequency counters and signal generators.
* **Aerospace:** Satellite communication ground equipment.
* **Networking:** Precision timing for high-speed data switches.
---
### 5. Implementation Example
To use this part in a circuit, a basic connection diagram would follow this logic:
```c
// Pins (Typical for 4-pin or 14-pin OCXOs)
Pin 1: V_Control (Optional frequency tuning)
Pin 7: Ground (GND)
Pin 8: Output (Clock Signal)
Pin 14: Vcc (Supply Voltage)
```
- ⤷
What is the exact frequency of the MHO+66TAG-R variant?
- ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
- ⤷ What are the mounting requirements for this component to avoid thermal drift?