MHO+66TCG-R
AI

## MHO+66TCG-R: Electronic Component Analysis
The **MHO+66TCG-R** is a high-precision, industrial-grade **Crystal Oscillator** (often referred to as a Clock Oscillator). It is commonly manufactured by companies like **MtronPTI**. These components are essential for providing a stable timing signal (clock pulse) for microprocessors, digital circuits, and communication systems.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here are the technical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed frequency output |
| **Package Style** | 14-pin DIP (Full size) | Through-hole mounting |
| **Output Type** | HCMOS / TTL | Compatible with most digital logic |
| **Operating Voltage** | 5.0V (Standard) | Common for legacy and industrial systems |
| **Frequency Stability** | ±100 ppm (Typical) | Variance over temperature/time |
| **Temperature Range** | -40°C to +85°C | Industrial grade rating |
| **RoHS Status** | Compliant (-R suffix) | Lead-free construction |
---
### 2. Functional Description
The device combines a quartz crystal blank with an oscillation circuit and an output buffer inside a single hermetically sealed metal package.
* **Internal Quartz:** Acts as the mechanical resonator.
* **Buffer Circuit:** Ensures the output signal is strong enough to drive multiple logic gates (Fan-out) without distorting the frequency.
* **Tri-state Function:** (Often indicated by the "T" in the code) This allows the output to be placed in a high-impedance state, effectively "disconnecting" it from the bus for testing or power-saving purposes.
---
### 3. Pinout Configuration (Standard 14-pin DIP)
Though it has a 14-pin footprint, usually only 4 pins are electrically connected:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | Enable/Disable control |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal |
| **14** | Vcc | +5.0V Power Supply |
---
### 4. Applications
Due to its robust DIP packaging and industrial temperature rating, the MHO+66TCG-R is typically found in:
1. **Industrial Control Systems:** PLCs and automation hardware.
2. **Telecommunications:** Timing for networking hubs.
3. **Legacy Computing:** Replacement parts for older motherboards or embedded systems.
4. **Test & Measurement:** Oscilloscopes and signal generators.
---
- ⤷
What is the exact frequency of the 66TCG-R variant in MHz?
- ⤷ How does the 'Tri-state' pin function impact circuit design?
- ⤷ Are there surface-mount (SMD) equivalents for this specific through-hole oscillator?