AI

The part number **MHO+67FAG-R** typically refers to a high-precision **OCXO (Oven Controlled Crystal Oscillator)** manufactured by MTI-Milliren Technologies, Inc. These components are designed for high stability in frequency control applications.
---
## 1. Technical Specifications
The MHO series is known for its ability to maintain a consistent frequency by housing the quartz crystal inside a temperature-controlled oven.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Package Style** | Through-hole Metal Can (typically 1.0" x 1.0" or 0.8" x 0.8") |
| **Frequency Stability** | Extremely high (often in the ppb - parts per billion range) |
| **Supply Voltage** | Usually +5V or +12V DC |
| **Output Type** | CMOS, HCMOS, or Sine Wave |
| **RoHS Status** | The "-R" suffix typically denotes **RoHS Compliant** |
---
## 2. Key Electronic Features
### Oven Control Mechanism
Unlike standard oscillators, this part uses an internal heating element and a thermistor-controlled feedback loop. This keeps the quartz crystal at a specific "turning point" temperature (usually around 75°C to 85°C), making it immune to external ambient temperature fluctuations.
### Aging and Precision
* **Daily Aging:** Very low frequency drift per day (e.g., $\pm 1 \times 10^{-9}$).
* **Warm-up Time:** Requires a short period (minutes) to reach thermal equilibrium before reaching peak stability.
* **Phase Noise:** Designed with low phase noise to minimize jitter in high-speed communication systems.
---
## 3. Common Applications
Due to its high stability, the MHO+67FAG-R is used in infrastructure-grade equipment:
1. **Telecommunications:** Base stations (LTE/5G), small cells, and synchronization modules.
2. **Test & Measurement:** Frequency counters, signal generators, and spectrum analyzers.
3. **Broadcasting:** Digital TV transmitters and studio timing references.
4. **Satellite Systems:** Ground station clocking and GPS-disciplined clocks.
---
## 4. Pinout Configuration (Standard OCXO)
*Note: Always verify with the specific MTI datasheet.*
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **V_ctrl** | Voltage Control / Frequency Tuning (optional) |
| **2** | **V_ref** | Reference Voltage Output |
| **3** | **Vcc** | Supply Voltage Input |
| **4** | **Output** | RF Frequency Output |
| **5** | **GND** | Ground / Case |
- ⤷
What is the specific frequency rating for the 67FAG variant?
- ⤷ How does the phase noise of an OCXO compare to a TCXO?
- ⤷ What are the power consumption requirements during the initial warm-up phase?