AI

Based on the part number provided, the **MHO+67FBG-R** refers to a high-precision, industrial-grade **Crystal Oscillator** typically manufactured by companies like MtronPTI. These components are used to generate stable clock signals for electronic circuits.
---
### 1. Technical Specifications Overview
Below are the typical technical characteristics associated with this series of oscillators:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | 14-pin DIP (Dual In-line Package) or 4-pin compatible |
| **Frequency Range** | Typically 1.0 MHz to 160.0 MHz (Specific to exact sub-model) |
| **Supply Voltage** | Usually 5.0V (Standard for the MHO series) |
| **Output Logic** | HCMOS / TTL Compatible |
| **Stability** | ±25ppm to ±100ppm (Depending on exact grade) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Breakdown of the Part Number
While manufacturers have specific internal codes, the suffixing usually indicates the following:
* **MHO+**: Represents the product series (Metal package, High-reliability Oscillator).
* **67**: Refers to the physical package size and pin configuration (Full-size 14-pin DIP footprint).
* **F**: Often denotes the frequency stability or specific temperature range.
* **BG**: Usually refers to the output type (e.g., HCMOS) and symmetry requirements.
* **R**: Generally signifies **RoHS Compliance** (Lead-free).
---
### 3. Key Electronic Features
* **Hermetically Sealed:** The internal quartz crystal is sealed in a metal "can" to protect it from atmospheric moisture and oxidation, ensuring long-term frequency stability.
* **Low Jitter:** These parts are designed for precision timing, meaning there is very little "noise" or fluctuation in the timing of the square wave pulses.
* **Tri-state Functionality:** Many versions of this series include an "Enable/Disable" pin, allowing the output to be turned off without powering down the entire device, which is useful for power saving.
### 4. Common Applications
These parts are found in robust electronic environments including:
1. **Industrial Controllers:** PLC units and factory automation.
2. **Networking:** Routers, switches, and data communication hardware.
3. **Legacy Systems:** Older computer motherboards or specialized laboratory equipment that utilizes DIP through-hole mounting.
---
- ⤷What is the exact frequency assigned to your specific MHO+67FBG-R unit?
- ⤷ How does an HCMOS output differ from a TTL output in these oscillators?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole component?