MHO+68FAG-R
AI

The **MHO+68FAG-R** is a specific part number belonging to a series of high-precision, oven-controlled, or temperature-compensated crystal oscillators (typically associated with the **MtronPTI** brand). This component is designed for high-reliability applications where frequency stability is critical.
---
### 1. Key Technical Specifications
Below are the typical technical parameters associated with this class of electronic components:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Frequency Range** | Usually fixed (varies by sub-code, often MHz range) |
| **Output Type** | CMOS / TTL Compatible |
| **Voltage Supply** | 3.3V or 5.0V (Standard) |
| **Package Style** | Full-size or Half-size DIP (14-pin or 8-pin footprint) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown
The alphanumeric code provides specific details about the construction and performance of the part:
* **MHO:** This prefix generally identifies the series name, often signifying a "Metal High-reliability Oscillator" or a specific frame size used by MtronPTI.
* **68:** This typically represents the specific stability and temperature range code (e.g., ±50ppm or ±25ppm stability).
* **F:** Usually indicates the output type (e.g., Fixed Frequency or specific CMOS levels).
* **A:** Often represents the duty cycle or the symmetry of the output wave (e.g., 40/60% or 45/55%).
* **G:** Can indicate the internal pin connection configuration (which pins are Enable/Disable).
* **-R:** Confirms the part is **RoHS compliant** (Lead-free).
---
### 3. Physical Features & Applications
#### Physical Attributes
* **Hermetic Sealing:** The part is housed in a metal "can" package that is resistance-welded to protect the quartz crystal from moisture and atmospheric pressure changes.
* **Through-Hole Mounting:** Designed for PCB mounting via pins, providing high mechanical stability against vibration.
#### Common Applications
1. **Telecommunications:** Used in base stations and networking hardware for precise clocking.
2. **Industrial Control:** Providing timing for microprocessors in harsh environments.
3. **Measurement Equipment:** High-end oscilloscopes and frequency counters.
4. **Aerospace/Defense:** Legacy systems requiring stable timing over wide temperature fluctuations.
---
### 4. Schematic Example (Typical Pinout)
The standard 14-pin DIP footprint (where only 4 pins are usually used) follows this logic:
```text
Pin 1: N/C or Tri-state (Enable/Disable)
Pin 7: Case Ground
Pin 8: Output Signal
Pin 14: Vcc (+3.3V or +5V)
```
- ⤷What is the exact frequency of the MHO+68FAG-R variant?
- ⤷ Can this oscillator be used as a direct replacement for an SG-8002 series?
- ⤷ What are the soldering temperature limits for this RoHS compliant part?