MHO+71TAAG-R
AI

The **MHO+71TAAG-R** is a high-precision, industrial-grade crystal oscillator. Specifically, it belongs to the **MHO+** series produced by **MtronPTI**, designed to provide stable timing signals for telecommunications, networking, and industrial instrumentation.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz (Model specific) |
| **Operating Voltage** | 5.0V DC |
| **Frequency Stability** | ±100 ppm (Standard for 'A' rating) |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 14-pin DIP (Half-size or Full-size compatible footprint) |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
---
## 2. Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the specific features:
* **MHO+**: The series identifier (Clock Oscillator, 5.0V).
* **7**: Indicates the package style (usually 4-pin or 14-pin DIP footprint).
* **1**: Denotes the voltage/logic type (HCMOS/TTL).
* **T**: Tri-state Enable/Disable function (allows the output to be turned off for testing or power saving).
* **AA**: Represents the Frequency Stability and Temperature range.
* **G**: Symmetry/Duty Cycle specification (typically 40/60%).
* **-R**: RoHS Compliant (Lead-free).
---
## 3. Key Features & Applications
### Key Features
* **Tight Stability:** Maintains frequency accuracy across a wide temperature range.
* **Hermetically Sealed:** The metal package protects the quartz crystal from environmental moisture and mechanical shock.
* **Tri-state Function:** Pin 1 can be used to high-impedance the output, which is useful for board-level testing.
### Common Applications
1. **Telecommunications:** Base stations and switching equipment.
2. **Industrial Controls:** Embedded systems requiring a reliable clock source.
3. **Networking:** Ethernet switches and routers.
4. **Legacy Systems:** Often used as a replacement part for older 5V logic timing circuits.
---
## 4. Connection Diagram (Typical)
The device usually follows a standard 4-pin configuration within its DIP footprint:
```text
Pin 1: Tri-state (Enable/Disable)
Pin 7: Ground (Case)
Pin 8: Output (Clock Signal)
Pin 14: Vcc (+5.0V)
```
- ⤷
What is the difference between the MHO+ and the MHO series?
- ⤷ How does the Tri-state function impact power consumption?
- ⤷ Are there 3.3V alternatives for the MHO+71TAAG-R?