MHO+73TAAG-R
AI

The **MHO+73TAAG-R** is a high-precision, industrial-grade **Crystal Oscillator** (specifically an XO - Crystal Oscillator). It is manufactured by **MtronPTI**, a company specializing in frequency control and spectrum control solutions.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
The part number "MHO+73TAAG-R" follows a specific coding convention that defines its electrical behavior:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Fixed Frequency Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Supply Voltage ($V_{cc}$)** | 5.0 Volts DC |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±100 ppm (standard for this series) |
| **RoHS Compliance** | Yes ("-R" suffix indicates Lead-Free/RoHS compliant) |
---
### 2. Pin Configuration (14-pin DIP)
Though it uses a 14-pin footprint, only four pins are typically active in this "Full Size" metal can package:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Case Ground / Negative Supply |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | $V_{cc}$ | +5V Power Supply |
---
### 3. Key Features
* **Metal Package:** The "MHO" series is housed in a hermetically sealed metal "Full Size" DIP package. This provides excellent EMI (Electromagnetic Interference) shielding.
* **Through-Hole Mounting:** Designed for traditional PCB mounting or insertion into sockets, making it ideal for legacy industrial equipment.
* **High Driving Capability:** The HCMOS/TTL output allows it to drive multiple loads (Fan-out) without signal degradation.
* **Tri-state Functionality:** The "T" in the part number usually indicates a Tri-state (Enable/Disable) function on Pin 1, allowing the output to be high-impedance when not in use to save power.
---
### 4. Typical Applications
This specific oscillator is commonly found in:
1. **Industrial Controllers:** PLC systems requiring stable timing in harsh temperatures.
2. **Legacy Computing:** Motherboards or expansion cards requiring a 5V clock source.
3. **Telecommunications:** Network switching gear and base stations.
4. **Test & Measurement:** Oscilloscopes and signal generators.
---
### 5. Identification Code Breakdown
`MHO` + `7` `3` `T` `A` `A` `G` `-R`
* **MHO:** MtronPTI Series (5.0V Full Size DIP)
* **7:** Stability/Temperature code (often ±100ppm, -40 to +85°C)
* **3:** Symmetry/Duty Cycle (typically 40/60%)
* **T:** Tri-state Enable/Disable function
* **AAG:** Specific frequency designator (The actual frequency is usually printed on the top of the metal can, e.g., 20.000 MHz)
* **-R:** RoHS Compliant
- ⤷
What is the specific frequency assigned to the 'AAG' suffix?
- ⤷ Are there surface-mount (SMD) equivalents for the MHO series?
- ⤷ How does the 'Tri-state' pin affect power consumption in this device?