MHO+73TDD-R
AI

The **MHO+73TDD-R** is a specific part number typically associated with **MHO+ Series** high-precision quartz crystal oscillators, often manufactured by companies like **MtronPTI**. These components are critical for providing a stable clock signal in digital circuits.
---
### 1. Technical Specifications
The part number is a composite code where each character represents a specific performance characteristic.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Crystal Oscillator (XO) | A complete timing circuit in a single package. |
| **Package** | 14-pin DIP / Half-size DIP | Often a "DIL" metal package for through-hole mounting. |
| **Supply Voltage** | 5.0V or 3.3V | Standard logic levels for industrial/telecom equipment. |
| **Output Type** | HCMOS/TTL | Compatible with standard CMOS and TTL digital logic. |
| **Frequency Stability** | ±100ppm to ±25ppm | High precision over the operating temperature range. |
| **Operating Temp** | -40°C to +85°C | Typically "Industrial" grade (denoted by 'T' in some series). |
---
### 2. Breakdown of the Part Number
While manufacturers vary slightly, the "MHO+73TDD-R" nomenclature generally breaks down as follows:
* **MHO+**: The series prefix (Standard Clock Oscillator).
* **73**: Usually refers to the voltage or package size (e.g., 3.3V operation).
* **T**: Temperature Range (Standard Industrial: -40°C to +85°C).
* **DD**: Frequency stability code (often indicates ±25ppm or ±50ppm).
* **R**: RoHS Compliant (Lead-free construction).
---
### 3. Key Applications
Because of its stability and metal casing (which provides EMI shielding), this part is commonly used in:
1. **Telecommunications**: Base stations and switching hardware.
2. **Industrial Control**: PLCs and high-reliability automation sensors.
3. **Networking**: Routers and Ethernet switches requiring precise timing.
4. **Legacy Systems**: Often used as a high-quality replacement for older 14-pin DIP oscillators.
---
### 4. Connection Diagram (Internal)
Standard 4-pin or 14-pin DIP oscillators follow a specific pinout:
```text
Pin 1: NC (No Connection) or Tri-state Enable/Disable
Pin 7: Case Ground (GND)
Pin 8: Output (Clock Signal)
Pin 14: Vcc (+ Supply Voltage)
```
---
- ⤷
What is the exact output frequency of the MHO+73TDD-R in your specific application?
- ⤷ Do you need a surface-mount (SMD) equivalent for this through-hole part?
- ⤷ Are you looking for a datasheet for a specific manufacturer like MtronPTI?