MHO+75TAAD-R
AI

The **MHO+75TAAD-R** is a high-performance **Crystal Oscillator** manufactured by MtronPTI. This specific component belongs to the MHO series, which is known for providing reliable timing signals in high-speed digital circuits.
---
### ## Technical Specifications
The following table outlines the primary electrical characteristics of the MHO+75TAAD-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Standard Crystal Oscillator) |
| **Package Type** | 14-pin DIP (DIP-14) |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Stability** | ±50 ppm (Typical for this series) |
| **Supply Voltage (Vcc)** | 5.0 V |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by -R suffix) |
---
### ### Key Features and Breakdown
#### 1. Part Number Decoding
* **MHO+**: Refers to the specific product series (High-speed HCMOS/TTL).
* **7**: Often represents the frequency stability or specific voltage tolerance (check datasheet for exact ppm match).
* **5**: Usually indicates the 5.0V power supply requirement.
* **T**: Indicates the operating temperature range (T is typically Extended/Industrial).
* **AA**: Internal manufacturer designators for output symmetry or load drive.
* **D**: Package style (DIP).
* **-R**: RoHS compliant (Lead-free).
#### 2. Package and Form Factor
The device comes in a **14-pin DIP** (Dual In-line Package) metal canister. While it has the footprint of a 14-pin socket, it typically only utilizes 4 pins for operation:
* **Pin 1**: NC (No Connection) or Tri-state Control.
* **Pin 7**: Case Ground.
* **Pin 8**: Output Signal.
* **Pin 14**: Supply Voltage (+5V).
#### 3. Signal Integrity
The **HCMOS/TTL** output ensures that the part can drive multiple CMOS or TTL gates without signal degradation, making it ideal for clocking microprocessors, DSPs, and FPGAs.
---
### ### Common Applications
* **Industrial Control Systems**: Used for timing in PLCs and automation hardware.
* **Legacy Computing**: Replacing clock generators in older motherboards or embedded systems.
* **Telecommunications**: Providing stable clock references for data transmission equipment.
* **Test and Measurement**: High-precision laboratory instruments.
---
- ⤷
What is the exact frequency of this specific MHO+75TAAD-R model?
- ⤷ How does the Tri-state function work on Pin 1 of this oscillator?
- ⤷ What are the recommended decoupling capacitor values for a 5V crystal oscillator?