MHO+75TBD-R
AI

Based on the part number **MHO+75TBD-R**, this component is a high-precision **Crystal Oscillator** typically manufactured by **MtronPTI**.
These parts are commonly used in telecommunications and data processing where stable clock signals are required.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Half Size |
| **Voltage Supply** | Typically 5.0V or 3.3V (Model dependent) |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Usually ranges from 1.0 MHz to 150.0 MHz |
| **Operating Temperature** | Often -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific coding logic used by MtronPTI:
* **MHO:** Series designation (Metal Half-size Oscillator).
* **+:** Usually indicates a lead-free/RoHS compliant design.
* **75:** This code typically refers to the **Frequency Stability**. In many Mtron series, "7" or "5" combined indicates ±50ppm or ±100ppm stability over the temperature range.
* **T:** Denotes the **Temperature Range**. "T" usually stands for the industrial range (-40°C to +85°C).
* **B:** Refers to the **Duty Cycle** (typically 40/60% or 45/55%).
* **D:** Refers to the **Voltage Supply** (D is often a code for 3.3V).
* **-R:** Confirms **RoHS Compliance**.
---
### 3. Physical Characteristics and Pinout
The "Half-size DIP" package is a 4-pin metal can that fits into a standard 14-pin DIP footprint, occupying only half the length.
#### Common Pin Configuration:
```text
Pin 1: NC (No Connection) or Tristate/Enable
Pin 7: Case Ground
Pin 8: Output Signal
Pin 14: Vcc (Power Supply)
```
---
### 4. Typical Applications
* **Networking:** Routers, switches, and fiber-optic modules.
* **Embedded Systems:** Providing a stable master clock for Microcontrollers and FPGAs.
* **Industrial Control:** High-reliability timing in harsh environments.
* **Legacy Systems:** Maintenance of older hardware using through-hole technology.
- ⤷
What is the specific output frequency for the MHO+75TBD-R?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?
- ⤷ How does frequency stability (ppm) affect high-speed communication?