MHO+76TAD-R
AI

The **MHO+76TAD-R** is a specific part number typically associated with **MHO+ Series Crystal Oscillators** manufactured by companies like **MtronPTI**. These components are precision frequency control devices used in various electronic timing circuits.
---
## Technical Specifications
Based on the standard nomenclature for the MHO series, here is the breakdown of the electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0 VDC (Standard for this series) |
| **Frequency Stability** | ±100 ppm (Standard) to ±25 ppm (Tight) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **RoHS Status** | "R" suffix indicates RoHS Compliant |
---
## Part Number Breakdown
To understand the specific electronic behavior, we can deconstruct the code:
1. **MHO+**: Indicates the product series (High-speed CMOS/TTL compatible crystal oscillators in a metal package).
2. **7**: Refers to the Voltage Supply (usually 5.0V).
3. **6**: Typically denotes the Frequency Stability (e.g., ±25ppm or ±50ppm depending on the specific datasheet revision).
4. **T**: Stands for the **Tristate** function. This allows the output to be placed in a high-impedance state, effectively "disconnecting" it from the circuit without powering it down.
5. **AD**: Often refers to the Duty Cycle (e.g., 40/60% or 45/55% symmetry).
6. **R**: Indicates **RoHS Compliance** (Lead-free).
---
## Pin Configuration (Standard 14-pin DIP)
Though it has 14 pins physically, most are missing/unused. Usually, only 4 pins are connected:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tristate control) |
| **7** | GND | Circuit Ground |
| **8** | Output | Frequency Signal Output |
| **14** | Vcc | +5.0V Power Supply |
---
## Key Applications
* **Microprocessor Clocks:** Providing the "heartbeat" for CPUs and Microcontrollers.
* **Networking Gear:** Used in switches and routers for data synchronization.
* **Legacy Hardware:** Commonly found in older industrial equipment due to the 14-pin DIP form factor.
* **Test & Measurement:** Stable frequency reference for laboratory instruments.
- ⤷
What is the specific frequency (MHz) of your MHO+76TAD-R unit?
- ⤷ How does the 'Tristate' function benefit a multi-clock circuit design?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?