MHO+76TBD-R
AI

The **MHO+76TBD-R** is a specific type of **Crystal Oscillator** (often categorized under Frequency Control products). This component is a "Clock Oscillator" designed to provide a precise and stable timing signal for digital circuits.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Standard Clock Oscillator) |
| **Package Style** | 14-pin DIP (Thru-hole) - Full Size |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage** | Typically 5.0V (Standard for this series) |
| **Stability** | Usually ±50ppm or ±100ppm (depending on the full suffix) |
| **Operating Temp** | 0°C to +70°C (Standard commercial grade) |
---
### 2. Breakdown of the Part Number
The part number can be decoded as follows:
1. **MHO+**: Represents the product series (Metal Housing, High Reliability/Standard Clock).
2. **7**: Refers to the Voltage/Output type (often signifying 5V operation).
3. **6**: Denotes the Frequency Stability (specific code for parts per million).
4. **TBD**: This is typically a placeholder for the **Frequency**. For example, if it were `MHO+76TBD-25.000M`, it would be a 25MHz oscillator.
5. **-R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Physical Construction
* **Housing**: It is encased in a hermetically sealed metal "can" (DIP-14 footprint). This protects the internal quartz crystal from environmental interference and reduces Electromagnetic Interference (EMI).
* **Pins**: Even though it uses a 14-pin footprint, usually only 4 pins are active:
* **Pin 1**: NC (No Connection) or Tri-state Enable/Disable.
* **Pin 7**: Case Ground (GND).
* **Pin 8**: Output Signal.
* **Pin 14**: Supply Voltage (Vcc).
---
### 4. Common Applications
These oscillators are used in legacy hardware or industrial equipment where surface-mount technology (SMT) is not preferred, or where physical robustness is required:
* **Microprocessor Clocks**: Providing the base heartbeat for CPUs.
* **Networking Gear**: Timing for data transmission.
* **Embedded Systems**: Industrial controllers and legacy PC motherboards.
---
### 5. Circuit Implementation
When integrating this part into a circuit, a decoupling capacitor (usually **0.01µF to 0.1µF**) should be placed as close as possible to the Vcc pin (Pin 14) and Ground (Pin 7) to minimize noise.
```c
// Example of how the output of an oscillator is used in firmware logic
// The MHO+76TBD-R provides the hardware clock that drives these cycles.
void setup() {
pinMode(CLOCK_INPUT_PIN, INPUT); // Receives the pulse from the MHO unit
}
```
- ⤷
What is the exact frequency required for your application?
- ⤷ Do you need a pinout diagram for the 14-pin DIP package?
- ⤷ Are you looking for a modern SMT equivalent for this part?